Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

3KP Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part No. 3KP
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

3KP Datasheet(HTML) 1 Page - Pan Jit International Inc.

  3KP Datasheet HTML 1Page - Pan Jit International Inc. 3KP Datasheet HTML 2Page - Pan Jit International Inc. 3KP Datasheet HTML 3Page - Pan Jit International Inc. 3KP Datasheet HTML 4Page - Pan Jit International Inc. 3KP Datasheet HTML 5Page - Pan Jit International Inc. 3KP Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
3KP SERIES
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
VOLTAGE - 5.0 TO 170 Volts
3000 Watt Peak Pulse Power
FEATURES
l
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
l
Glass passivated junction
l
3000W Peak Pulse Power capability on
10/1000 £g S waveform
l
Excellent clamping capability
l
Repetition rate(Duty Cycle): 0.05%
l
Low incremental surge resistance
l
Fast response time: typically less
than 1.0 ps from 0 volts to BV
l
Typical ID less than 1 £gA above 10V
l
High temperature soldering guaranteed:
300 ¢J /10 seconds/.375”,(9.5mm) lead
length/5lbs., (2.3kg) tension
MECHANICAL DATA
Case: Molded plastic over glass passivated junction
Terminals: Plated Axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denoteds positive
end(cathode)
Mounting Position: Any
Weight: 0.07 ounce, 2.1 grams
DEVICES FOR BIPOLAR APPLICATIONS
For Bidirectional use C or CA Suffix for types
Electrical characteristics apply in both directions.
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25 ¢J ambient temperature unless otherwise specified.
RATING
SYMBOL
VALUE
UNITS
Peak Pulse Power Dissipation on 10/1000 £g S waveform
(Note 1, FIG.1)
PPPM
Minimum 3000
Watts
Peak Pulse Current of on 10/1000 £gS waveform
(Note 1, FIG.3)
IPPM
SEE TABLE 1
Amps
Steady State Power Dissipation at TL=75 ¢J Lead
Lengths .375”,(9.5mm) (Note 2)
PM(AV)
8.0
Watts
Peak Forward Surge Current, 8.3ms Single Half Sine-Wave
Superimposed on Rated Load, Unidirectional only
(JECED Method) (Note 3)
IFSM
250
Amps
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 to +175
¢J
NOTES:
1.Non-repetitive current pulse, per Fig. 3 and derated above TA=25 ¢J per Fig. 2.
2.Mounted on Copper Leaf area of 0.79in
2(20mm2).
3.Measured on 8.3ms single half sine-wave or equivalent square wave, duty cycle= 4 pulses per minutes maximum.
P-600


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SA50 GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power 1  2  3  4  5  More Pan Jit International Inc.
3KP5.0 GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 Watt Peak Power VOLTAGE - 5.0 to 220 Volts 1  2  3  4  Formosa MS
3KP GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 180 Volts 3000 watt Peak Pulse Power 1  2  3  DB Lectro Inc
5KP GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 TO 180 Volts 5000Watts Peak Pulse Power 1  2  3  DB Lectro Inc
15KW GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-17 TO 280 Volts 15000 Watt Peak Pulse Power 1  2  Leshan Radio Company
15KP GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE- 17 to 220 Volts 15000 Watt Peak Pulse Power 1  2  3  4  Pan Jit International Inc.
SMDJ SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power 1  2  3  4  List of Unclassifed Manufacturers
3SMC50A SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS 5.0 THRU 170 VOLTS 1  2  Central Semiconductor Corp
3SMC50CA SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS 5.0 THRU 170 VOLTS 1  2  Central Semiconductor Corp
1.5KE GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 TO 440 Volts 1500 watt Peak Power / 6.5 Watt Steady State 1  2  3  DB Lectro Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn