Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHD118545A Datasheet(PDF) 2 Page - Sensitron

Part # SHD118545A
Description  HERMETIC SCHOTTKY RECTIFIER Low Forward Voltage Drop
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD118545A Datasheet(HTML) 2 Page - Sensitron

  SHD118545A Datasheet HTML 1Page - Sensitron SHD118545A Datasheet HTML 2Page - Sensitron SHD118545A Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SHD118545
SHD118545A
SHD118545B
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 4767, REV. A
MECHANICAL DIMENSIONS: In Inches / mm
1
2
3
PINOUT TABLE
DEVICE TYPE
PIN 1
PIN 2
PIN 3
DUAL RECTIFIER, COMMON CATHODE (P)
COMMON CATHODE
ANODE
ANODE
2
3
.370? 010
(9.40? 254)
.610? 010
(15.5? 254)
.125
(3.
? 010
17? 254)
.110 (2.79) Max
Alumina Ring
0
08)
.510? 02
(12.9? 5
.320? 010
(8.13? 254)
.030? 010
(.762? 254)
Moly Lid
Moly Base
Terminal 1
.060? 010
(1.52? 254)
.020? 002
(.508? 051)
.020? 005 R
(.508? 127 )
2
3
.370?010
(9.40?254)
.610?010
(15.5?254)
.090?010
(2.29?254)
.130 (3.30) Max
Alumina Ring
.520?020
(13.2?508)
.320?010
(8.13 ?254)
.030?010
(.762?254)
Moly Lid
Moly Base
Terminal 1
.060?010
(1.52?254)
.015?002
(.381?051)
.020?005 R
(.508?127 )
Copper Terminals
.370±.010
(9.40±.254)
2
3
.610±.010
(15.5±.254)
.030±.010
(.762±.254)
.110 (2.80) Max
Alumina Ring
Terminal 1
SHD-5A
SHD-5B
Note: The Vf curves shown are for the SD200SC150 unpackaged die only.
0.0
0.2
0.4
0.6
0.8
1.0
Forward Voltage Drop - V
F (V)
10
-1
10
0
10
1
10
2
Typical Forward Characteristics
125 °C
25 °C
175 °C
0
20
40
60
80
100
120
140
160
Reverse Voltage - V
R (V)
10
-4
10
-3
10
-2
10
-1
10
0
10
1
Typical Reverse Characteristics
75 °C
100 °C
125 °C
50 °C
25 °C
150 °C
175 °C
0
20
40
60
80
100
120
140
160
Reverse Voltage - V
R (V)
200
400
600
800
1000
1200
1400
Typical Junction Capacitance
25 °C
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web - http://www.sensitron.com • E-Mail - sales@sensitron.com •


Similar Part No. - SHD118545A

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD118544 SENSITRON-SHD118544 Datasheet
217Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD118544A SENSITRON-SHD118544A Datasheet
217Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD118546 SENSITRON-SHD118546 Datasheet
94Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD118546A SENSITRON-SHD118546A Datasheet
94Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD118546B SENSITRON-SHD118546B Datasheet
94Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Low Forward Voltage Drop
More results

Similar Description - SHD118545A

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD115244 SENSITRON-SHD115244 Datasheet
147Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD120036 SENSITRON-SHD120036 Datasheet
96Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD120244 SENSITRON-SHD120244 Datasheet
94Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD120036 SENSITRON-SHD120036_08 Datasheet
62Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD115536 SENSITRON-SHD115536_08 Datasheet
52Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD118536 SENSITRON-SHD118536_08 Datasheet
58Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD120444 SENSITRON-SHD120444 Datasheet
65Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD115144 SENSITRON-SHD115144 Datasheet
147Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD115236 SENSITRON-SHD115236 Datasheet
149Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD118134 SENSITRON-SHD118134 Datasheet
94Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD118436 SENSITRON-SHD118436 Datasheet
94Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Low Forward Voltage Drop
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com