Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHD117213P Datasheet(PDF) 2 Page - Sensitron

Part # SHD117213P
Description  HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD117213P Datasheet(HTML) 2 Page - Sensitron

  SHD117213P Datasheet HTML 1Page - Sensitron SHD117213P Datasheet HTML 2Page - Sensitron SHD117213P Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SHD117213(P/N)
SHD117213(P/N)A
SHD117213(P/N)B
SENSITRON
DATA SHEET 4762, REV. -
Mechanical Dimensions: In Inches / mm
COMMON
COMMON
CATHODE
ANODE
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web - http://www.sensitron.com • E-mail Address - sales@sensitron.com •
2
1
3 2
1
3
SHD-4
.290?010
(7.37?254)
2
3
.350?010
(8.89?254)
.020?010
(.508?254)
.110 (2.80) Max
Alumina Ring
Terminal 1
2
3
.290?010
(7.37?254)
.350?010
(8.89?254)
.065?010
(1.65?254)
.110 (2.79) Max
Alumina Ring
.440?020
(11.2?508)
.185?010
(4.70?254)
.020?010
(.508?254)
Moly Lid
Moly Base
Terminal 1
.060?010
(1.52?254)
.020?002
(.508?051)
.020?005 R
(.508?127 )
2
3
.290?010
(7.37?254)
.350?010
(8.89?254)
.090?010
(2.29?254)
.130 (3.30) Max
Alumina Ring
.440?020
(11.2?508)
.185?010
(4.70?254)
.020?010
(.508?254)
Moly Lid
Moly Base
Terminal 1
.060?010
(1.52?254)
.015?002
(.381?051)
.020?005
(.508?127 )
Copper Terminals
SHD-4A
SHD-4B
PINOUT TABLE
DEVICE TYPE
PIN 1
PIN 2
PIN 3
DUAL RECTIFIER, COMMON CATHODE (P)
COMMON CATHODE
ANODE 1
ANODE 2
DUAL RECTIFIER, COMMON ANODE (N)
COMMON ANODE
CATHODE 1
CATHODE 2
0.0
0.2
0.4
0.6
0.8
Forward Voltage Drop - V
F (V)
10
-1
10
0
10
1
Typical Forward Characteristics
125 °C
150 °C
25 °C
0
1020
30
405060
Reverse Voltage - V
R (V)
10
-3
10
-2
10
-1
10
0
10
1
10
2
Typical Reverse Characteristics
25 °C
50 °C
75 °C
100 °C
125 °C
150 °C
0
1020
30405060
Reverse Voltage - V
R (V)
200
300
400
500
600
700
800
Typical Junction Capacitance
VF @ 1A -55°C typical = 0.56V


Similar Part No. - SHD117213P

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD117213P SENSITRON-SHD117213P Datasheet
43Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD117213PA SENSITRON-SHD117213PA Datasheet
43Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD117213PB SENSITRON-SHD117213PB Datasheet
43Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop
More results

Similar Description - SHD117213P

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD117046 SENSITRON-SHD117046 Datasheet
86Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD117112 SENSITRON-SHD117112 Datasheet
84Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD117213 SENSITRON-SHD117213_08 Datasheet
43Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD117236 SENSITRON-SHD117236_08 Datasheet
56Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD117122 SENSITRON-SHD117122 Datasheet
84Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD117146 SENSITRON-SHD117146 Datasheet
86Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD117022 SENSITRON-SHD117022 Datasheet
91Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD117168 SENSITRON-SHD117168 Datasheet
73Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD117236 SENSITRON-SHD117236 Datasheet
87Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD117136 SENSITRON-SHD117136_08 Datasheet
56Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD117222 SENSITRON-SHD117222 Datasheet
84Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com