Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHD114613A Datasheet(PDF) 2 Page - Sensitron

Part # SHD114613A
Description  POWER SCHOTTKY RECTIFIER Very Low Reverse Leakage
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD114613A Datasheet(HTML) 2 Page - Sensitron

  SHD114613A Datasheet HTML 1Page - Sensitron SHD114613A Datasheet HTML 2Page - Sensitron SHD114613A Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• 221 West Industry Court 3 Deer Park, NY 11729-4681 3 (631) 586-7600 FAX (631) 242-9798 •
• World Wide Web Site - http://www.sensitron.com • E-Mail Address - sales@sensitron.com •
SENSITRON
TECHNICAL DATA
DATA SHEET 4756, REV. –
Mechanical Dimensions: in inches / mm
Vf Curves shown are for die only.
.200±.010
(5.08 ±.254)
.410±.010
(10.4±.254)
.075 (1.91) Max
Alumina Ring
.410±.010
(10.4±.254)
.550±.020
(14.0±.508)
Moly Lid
Moly Base
(Cathode)
.060±.010
(1.52±.254)
.020±.002
(.508±.051)
.020±.005 R
(.508±.127 )
Moly Anode
.075 (1.91)
Max
.410±.010
(10.4± .254)
Moly
Lid
Moly
.410±.010
(10.4±.254)
Alumina
Ring
.090 (2.29) Max
Alumina Ring
Moly Base
(Cathode)
.060±.010
(1.52±.254)
.015±.002
(.381±.051)
.020±.005 R
(.508±.127 )
.410±.010
(10.4±.254)
.150±.010
(3.81±.254)
.560±.020
(14.2±.508)
.410±.010
(10.4±.254)
.015±.005
(.381±.127)
Copper Anode
SHD-3
SHD-3A
SHD-3B
SHD114613
SHD114613A
SHD114613B
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Forward Voltage Drop - VF (V)
101
102
Typical Forward Characteristics
125 °C
175 °C
25 °C
0
10
20
30
40
50
Reverse Voltage - VR (V)
10-2
10
-1
100
10
1
10
2
103
Typical Reverse Characteristics
25 °C
50 °C
75 °C
100 °C
125 °C
150 °C
175 °C
0
10
20
30
40
50
Reverse Voltage - VR (V)
1000
2000
3000
4000
5000
Typical Junction Capacitance


Similar Part No. - SHD114613A

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD114613A SENSITRON-SHD114613A Datasheet
54Kb / 3P
   POWER SCHOTTKY RECTIFIER Very Low Reverse Leakage
More results

Similar Description - SHD114613A

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD114613 SENSITRON-SHD114613_08 Datasheet
54Kb / 3P
   POWER SCHOTTKY RECTIFIER Very Low Reverse Leakage
SHD123668P SENSITRON-SHD123668P Datasheet
69Kb / 3P
   POWER SCHOTTKY RECTIFIER Very Low Reverse Leakage
SHD123622 SENSITRON-SHD123622 Datasheet
81Kb / 3P
   POWER SCHOTTKY RECTIFIER Very Low Reverse Leakage
SHD124536 SENSITRON-SHD124536_08 Datasheet
50Kb / 3P
   ULTRA LOW REVERSE LEAKAGE POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD124535 SENSITRON-SHD124535_11 Datasheet
69Kb / 2P
   ULTRA LOW REVERSE LEAKAGE POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD126036 SENSITRON-SHD126036_08 Datasheet
58Kb / 3P
   ULTRA LOW REVERSE LEAKAGE POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD116136 SENSITRON-SHD116136_10 Datasheet
43Kb / 3P
   ULTRA LOW REVERSE LEAKAGE POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD116036 SENSITRON-SHD116036 Datasheet
157Kb / 3P
   ULTRA LOW REVERSE LEAKAGE POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD116136 SENSITRON-SHD116136 Datasheet
157Kb / 3P
   ULTRA LOW REVERSE LEAKAGE POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD118434 SENSITRON-SHD118434 Datasheet
94Kb / 3P
   ULTRA LOW REVERSE LEAKAGE POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com