Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DTA115EET1 Datasheet(PDF) 2 Page - ON Semiconductor

Part No. DTA115EET1
Description  PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DTA115EET1 Datasheet(HTML) 2 Page - ON Semiconductor

  DTA115EET1 Datasheet HTML 1Page - ON Semiconductor DTA115EET1 Datasheet HTML 2Page - ON Semiconductor DTA115EET1 Datasheet HTML 3Page - ON Semiconductor DTA115EET1 Datasheet HTML 4Page - ON Semiconductor DTA115EET1 Datasheet HTML 5Page - ON Semiconductor DTA115EET1 Datasheet HTML 6Page - ON Semiconductor DTA115EET1 Datasheet HTML 7Page - ON Semiconductor DTA115EET1 Datasheet HTML 8Page - ON Semiconductor DTA115EET1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
DTA114EET1 Series
http://onsemi.com
2
ORDERING INFORMATION AND RESISTOR VALUES
Device
Marking
R1 (K)
R2 (K)
Package
Shipping
DTA114EET1
6A
10
10
SC−75
3000 Tape & Reel
DTA124EET1
6B
22
22
SC−75
3000 Tape & Reel
DTA144EET1
6C
47
47
SC−75
3000 Tape & Reel
DTA114YET1
6D
10
47
SC−75
3000 Tape & Reel
DTA114TET1
6E
10
SC−75
3000 Tape & Reel
DTA143TET1
6F
4.7
SC−75
3000 Tape & Reel
DTA123EET1
6H
2.2
2.2
SC−75
3000 Tape & Reel
DTA123EET1G
6H
2.2
2.2
SC−75
(Pb−Free)
3000 Tape & Reel
DTA143EE
6J
4.7
4.7
SC−75
3000 Tape & Reel
DTA143EET1
6J
4.7
4.7
SC−75
3000 Tape & Reel
DTA143EET1G
6J
4.7
4.7
SC−75
(Pb−Free)
3000 Tape & Reel
DTA143ZET1
6K
4.7
47
SC−75
3000 Tape & Reel
DTA124XET1
6L
22
47
SC−75
3000 Tape & Reel
DTA124XET1G
6L
22
47
SC−75
(Pb−Free)
3000 Tape & Reel
DTA123JET1
6M
2.2
47
SC−75
3000 Tape & Reel
DTA115EET1
6N
100
100
SC−75
3000 Tape & Reel
DTA144WET1
6P
47
22
SC−75
3000 Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Base Cutoff Current (VCB = 50 V, IE = 0)
ICBO
100
nAdc
Collector−Emitter Cutoff Current (VCE = 50 V, IB = 0)
ICEO
500
nAdc
Emitter−Base Cutoff Current
DTA114EET1
(VEB = 6.0 V, IC = 0)
DTA124EET1
DTA144EET1
DTA114YET1
DTA114TET1
DTA143TET1
DTA123EET1
DTA143EET1
DTA143ZET1
DTA124XET1
DTA123JET1
DTA115EET1
DTA144WET1
IEBO
0.5
0.2
0.1
0.2
0.9
1.9
2.3
1.5
0.18
0.13
0.2
0.05
0.13
mAdc
Collector−Base Breakdown Voltage (IC = 10 mA, IE = 0)
V(BR)CBO
50
Vdc
Collector−Emitter Breakdown Voltage (Note 3)
(IC = 2.0 mA, IB = 0)
V(BR)CEO
50
Vdc
3. Pulse Test: Pulse Width < 300
ms, Duty Cycle < 2.0%


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MUN5111WDual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreE-Tech Electronics LTD
LMUN2135LT1Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 Leshan Radio Company
LMUN5111DW1T1Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreLeshan Radio Company
HUN2111PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 Hi-Sincerity Mocroelectronics
LMUN5311DW1T1Dual Bias Resistor Transistors NPN and PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreLeshan Radio Company
DTA114YEBias Resistor Transistor PNP Silicon Surface Mount Transistor with Monolithic Bias Resistor Network 1 2 3 4 5 MoreMotorola, Inc
LMUN2237LT1Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 Leshan Radio Company
DTC144TT1NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network 1 2 3 4 5 MoreON Semiconductor
LMUN2211LT1BIAS RESISTOR TRANSISTOR NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK 1 2 3 4 5 MoreLeshan Radio Company
LMUN5211T1Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network 1 2 3 4 5 MoreLeshan Radio Company

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn