Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHD501603 Datasheet(PDF) 3 Page - Sensitron

Part # SHD501603
Description  DUAL FIXED /- 15.0 VOLT 1.5 AMP VOLTAGE REGULATOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD501603 Datasheet(HTML) 3 Page - Sensitron

  SHD501603 Datasheet HTML 1Page - Sensitron SHD501603 Datasheet HTML 2Page - Sensitron SHD501603 Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• 221 West Industry Court
Deer Park, NY 11729
(631) 586-7600, FAX (631) 242-9798
• World Wide Web - www.sensitron.com • E-mail Address - sales@sensitron.com •
SENSITRON
SHD501603
DATASHEET 1154, REVISION B
Formerly part number SHD50101
MECHANICAL DIMENSIONS: In Inches / mm
PINOUT TABLE
.695
.685
(17.65
17.40)
.707
.697
(17.96
17.70)
.750
.500
(19.05
12.70)
.835
.815
(21.21
20.70)
.100 (2.54)
Typ
.550
.530
(13.97
13.46)
.035
.025
(.89
.64)
.140 (3.56)
Typ
.270
.240
(6.86
6.10)
.045
.035
(1.14
.89)
.165
.155
(4.19
3.94)
.045(1.14) R
123 45
MO-078
DISCLAIMER:
1- The information given herein, including the specifications and dimensions, is subject to change without prior notice to improve product
characteristics. Before ordering, purchasers are advised to contact the Sensitron Semiconductor sales department for the latest version
of the datasheet(s).
2- In cases where extremely high reliability is required (such as use in nuclear power control, aerospace and aviation, traffic equipment,
medical equipment , and safety equipment) , safety should be ensured by using semiconductor devices that feature assured safety or by
means of users’ fail-safe precautions or other arrangement .
3- In no event shall Sensitron Semiconductor be liable for any damages that may result from an accident or any other cause during
operation of the user’s units according to the datasheet(s). Sensitron Semiconductor assumes no responsibility for any intellectual
property claims or any other problems that may result from applications of information, products or circuits described in the datasheets.
4- In no event shall Sensitron Semiconductor be liable for any failure in a semiconductor device or any secondary damage resulting from
use at a value exceeding the absolute maximum rating.
5- No license is granted by the datasheet(s) under any patents or other rights of any third party or Sensitron Semiconductor.
6- The datasheet(s) may not be reproduced or duplicated, in any form, in whole or part, without the expressed writ ten permission of
Sensitron Semiconductor.
7- The products (technologies) described in the datasheet(s) are not to be provided to any party whose purpose in their application will
hinder maintenance of international peace and safety nor are they to be applied to that purpose by their direct purchasers or any third
party. When exporting these products (technologies), the necessary procedures are to be taken in accordance with related laws and
regulations.
TYPE
PIN 1
PIN 2
PIN 3
PIN 4
PIN 5
+15V/-15V
Voltage Regulator
MO-078 Package
+ Input
+ Output
Common
- Input
- Output


Similar Part No. - SHD501603

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SHD501290 ETC1-SHD501290 Datasheet
254Kb / 5P
   HERMETIC ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Sensitron
SHD501355 SENSITRON-SHD501355 Datasheet
89Kb / 3P
   LOW DROP OUT POSITIVE ADJUSTABLE VOLTAGE REGULATOR
SHD501355A SENSITRON-SHD501355A Datasheet
89Kb / 3P
   LOW DROP OUT POSITIVE ADJUSTABLE VOLTAGE REGULATOR
More results

Similar Description - SHD501603

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD526022 SENSITRON-SHD526022 Datasheet
43Kb / 2P
   FIXED NEGATIVE 12.0 VOLT 1.5 AMP REGULATOR
SHD526012 SENSITRON-SHD526012 Datasheet
59Kb / 3P
   FIXED POSITIVE 1.5 AMP 12 VOLT REGULATOR
SHD526013A SENSITRON-SHD526013A Datasheet
49Kb / 2P
   POSITIVE FIXED 15 VOLT 1.5 AMP REGULATOR
SHD52626 SENSITRON-SHD52626 Datasheet
43Kb / 2P
   FIXED NEGATIVETIVE 1.5 AMP 15 VOLT REGULATOR
SHD52624 SENSITRON-SHD52624 Datasheet
49Kb / 2P
   FIXED NEGATIVE 5.0 VOLT 1.5 AMP REGULATOR
SHD519023 SENSITRON-SHD519023 Datasheet
42Kb / 2P
   FIXED NEGATIVE 1.5 AMP 15 VOLT REGULATOR
SHD526154 SENSITRON-SHD526154 Datasheet
53Kb / 3P
   POSITIVE FIXED 3.3 VOLT 3.0 AMP VOLTAGE REGULATOR
logo
Seme LAB
IP120A SEME-LAB-IP120A Datasheet
41Kb / 5P
   1.5 AMP NEGATIVE VOLTAGE REGULATOR
LM120A-05 SEME-LAB-LM120A-05 Datasheet
56Kb / 3P
   1.5 AMP NEGATIVE VOLTAGE REGULATOR
IP120 SEME-LAB-IP120 Datasheet
87Kb / 6P
   1.5 AMP NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com