Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ2000T Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # BQ2000T
Description  Programmable Multi-Chemistry Fast-Charge Management IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BQ2000T Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button BQ2000T Datasheet HTML 10Page - List of Unclassifed Manufacturers BQ2000T Datasheet HTML 11Page - List of Unclassifed Manufacturers BQ2000T Datasheet HTML 12Page - List of Unclassifed Manufacturers BQ2000T Datasheet HTML 13Page - List of Unclassifed Manufacturers BQ2000T Datasheet HTML 14Page - List of Unclassifed Manufacturers BQ2000T Datasheet HTML 15Page - List of Unclassifed Manufacturers BQ2000T Datasheet HTML 16Page - List of Unclassifed Manufacturers BQ2000T Datasheet HTML 17Page - List of Unclassifed Manufacturers BQ2000T Datasheet HTML 18Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
BQ2000TPN-B5
ACTIVE
PDIP
P
8
50
Pb-Free
(RoHS)
CU SNPB
Level-NC-NC-NC
BQ2000TPW
ACTIVE
TSSOP
PW
8
150
None
CU NIPDAU
Level-1-220C-UNLIM
BQ2000TPWR
ACTIVE
TSSOP
PW
8
2000
None
CU NIPDAU
Level-1-220C-UNLIM
BQ2000TSN-B5
ACTIVE
SOIC
D
8
75
None
CU SNPB
Level-1-220C-UNLIM
BQ2000TSN-B5TR
ACTIVE
SOIC
D
8
2500
None
CU SNPB
Level-1-220C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - May not be currently available - please check http://www.ti.com/productcontent for the latest availability information and additional
product content details.
None: Not yet available Lead (Pb-Free).
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean "Pb-Free" and in addition, uses package materials that do not contain halogens,
including bromine (Br) or antimony (Sb) above 0.1% of total product weight.
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDECindustry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
4-Mar-2005
Addendum-Page 1


Similar Part No. - BQ2000T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2000T TI-BQ2000T Datasheet
140Kb / 16P
[Old version datasheet]   Programmable Multi-Chemistry Fast-Charge Management IC
FEBRUARY 2000
BQ2000T TI1-BQ2000T Datasheet
1Mb / 29P
[Old version datasheet]   Programmable Multi-Chemistry Fast-Charge Management IC
BQ2000TPN TI-BQ2000TPN Datasheet
140Kb / 16P
[Old version datasheet]   Programmable Multi-Chemistry Fast-Charge Management IC
FEBRUARY 2000
BQ2000TPN-B5 TI1-BQ2000TPN-B5 Datasheet
1Mb / 29P
[Old version datasheet]   Programmable Multi-Chemistry Fast-Charge Management IC
BQ2000TPW TI1-BQ2000TPW Datasheet
1Mb / 29P
[Old version datasheet]   Programmable Multi-Chemistry Fast-Charge Management IC
More results

Similar Description - BQ2000T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2000 TI-BQ2000 Datasheet
164Kb / 18P
[Old version datasheet]   Programmable Multi-Chemistry Fast-Charge Management IC
BQ2000T TI1-BQ2000T_15 Datasheet
1Mb / 29P
[Old version datasheet]   Programmable Multi-Chemistry Fast-Charge Management IC
BQ2000T TI-BQ2000T Datasheet
140Kb / 16P
[Old version datasheet]   Programmable Multi-Chemistry Fast-Charge Management IC
FEBRUARY 2000
BQ2000 TI1-BQ2000_15 Datasheet
1Mb / 29P
[Old version datasheet]   Programmable Multi-Chemistry Fast-Charge Management IC
BQ24400 TI1-BQ24400_16 Datasheet
1Mb / 27P
[Old version datasheet]   Programmable NiCd/NiMH Fast-Charge Management IC
BQ24401 TI1-BQ24401_15 Datasheet
1Mb / 27P
[Old version datasheet]   Programmable NiCd/NiMH Fast-Charge Management IC
BQ2002C TI1-BQ2002C_11 Datasheet
387Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management IC
BQ2002C TI-BQ2002C Datasheet
76Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management IC
9/97
logo
Shenzhen Huazhimei Semi...
HM4065B HMSEMI-HM4065B Datasheet
509Kb / 11P
   4A Multi-Type Battery Charge Management IC
logo
Texas Instruments
BQ24400 TI-BQ24400 Datasheet
162Kb / 15P
[Old version datasheet]   Programmable NiCd/NiMH Fast-Charge Management Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com