Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCF8582C-2 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCF8582C-2
Description  256 x 8-bit CMOS EEPROMS with I2C-bus interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8582C-2 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCF8582C-2 Datasheet HTML 1Page - NXP Semiconductors PCF8582C-2 Datasheet HTML 2Page - NXP Semiconductors PCF8582C-2 Datasheet HTML 3Page - NXP Semiconductors PCF8582C-2 Datasheet HTML 4Page - NXP Semiconductors PCF8582C-2 Datasheet HTML 5Page - NXP Semiconductors PCF8582C-2 Datasheet HTML 6Page - NXP Semiconductors PCF8582C-2 Datasheet HTML 7Page - NXP Semiconductors PCF8582C-2 Datasheet HTML 8Page - NXP Semiconductors PCF8582C-2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
December 1994
5
Philips Semiconductors
Product specification
256 x 8-bit CMOS EEPROMS
with I2C-bus interface
PCX8582X-2 Family
PINNING
SYMBOL
PIN
DESCRIPTION
A0
1
address input 0
A1
2
address input 1
A2
3
address input 2
VSS
4
negative supply voltage
SDA
5
serial data input/output (I2C-bus)
SCL
6
serial clock input (I2C-bus)
PTC
7
programming time control output
VDD
8
positive supply voltage
Fig.2 Pin configuration.
handbook, halfpage
1
2
3
4
8
7
6
5
A0
A1
A2
VSS
SDA
SCL
PTC
V DD
PCX8582X-2
MBC792
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDD
supply voltage
−0.3
+7.0
V
VI
voltage on any input pin
|ZI| > 500 Ω
VSS − 0.8
VDD + 0.8
V
II
current on any input pin
1
mA
IO
output current
10
mA
Tstg
storage temperature
−65
+150
°C
Tamb
operating ambient temperature
PCF8582C-2; PCF8582E-2
−40
+85
°C
PCD8582D-2
−25
+70
°C
PCA8582F-2
−40
+125
°C


Similar Part No. - PCF8582C-2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8582C-2 PHILIPS-PCF8582C-2 Datasheet
127Kb / 21P
   256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-25 October 2004
logo
Integrated Circuit Syst...
PCF8582C-2P ICST-PCF8582C-2P Datasheet
179Kb / 24P
   PCF85xxC-2 family 256 to 1024 쨈 8-bit CMOS EEPROMs with I2C-bus interface
logo
NXP Semiconductors
PCF8582C-2P PHILIPS-PCF8582C-2P Datasheet
179Kb / 24P
   256 to 1024 쨈 8-bit CMOS EEPROMs with I2C-bus interface
1997 Feb 13
PCF8582C-2P-03 PHILIPS-PCF8582C-2P-03 Datasheet
127Kb / 21P
   256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-25 October 2004
logo
Integrated Circuit Syst...
PCF8582C-2T ICST-PCF8582C-2T Datasheet
179Kb / 24P
   PCF85xxC-2 family 256 to 1024 쨈 8-bit CMOS EEPROMs with I2C-bus interface
More results

Similar Description - PCF8582C-2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF85102C-2 PHILIPS-PCF85102C-2 Datasheet
99Kb / 20P
   256 x 8-bit CMOS EEPROMs with I2C-bus interface
2000 Feb 15
logo
KODENSHI_AUK CORP.
KKF8594E KODENSHI-KKF8594E Datasheet
228Kb / 6P
   512 x 8-bit CMOS EEPROMS with I2C- bus Interface
logo
NXP Semiconductors
PCF85XXC-2 PHILIPS-PCF85XXC-2 Datasheet
179Kb / 24P
   256 to 1024 쨈 8-bit CMOS EEPROMs with I2C-bus interface
1997 Feb 13
PCF85103C-2 PHILIPS-PCF85103C-2 Datasheet
346Kb / 20P
   256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 02-09 May 2002
PCF8582C-2 PHILIPS-PCF8582C-2_04 Datasheet
127Kb / 21P
   256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-25 October 2004
PCF85103C-2 PHILIPS-PCF85103C-2_04 Datasheet
120Kb / 20P
   256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-22 October 2004
PCF85102C-2 PHILIPS-PCF85102C-2_04 Datasheet
120Kb / 20P
   256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-22 October 2004
logo
Integrated Circuit Syst...
PCF85 ICST-PCF85 Datasheet
179Kb / 24P
   PCF85xxC-2 family 256 to 1024 쨈 8-bit CMOS EEPROMs with I2C-bus interface
logo
NXP Semiconductors
PCF8594C-2 PHILIPS-PCF8594C-2 Datasheet
394Kb / 21P
   512 X 8-bit CMOS EEPROM with I2C-bus interface
Rev. 05-25 October 2004
PCF85116-3 PHILIPS-PCF85116-3 Datasheet
164Kb / 21P
   2048 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-25 October 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com