Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA06H8285M-E01 Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # RA06H8285M-E01
Description  MITSUBISHI RF MOSFET MODULE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA06H8285M-E01 Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

  RA06H8285M-E01 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA06H8285M-E01 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA06H8285M-E01 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA06H8285M-E01 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA06H8285M-E01 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA06H8285M-E01 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA06H8285M-E01 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA06H8285M-E01 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MITSUBISHI RF POWER MODULE
RA06H8285M
RA06H8285M
MITSUBISHI ELECTRIC
23 Dec 2002
6/9
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
1 RF Input (Pin)
2 Gate Voltage (VGG)
3 Drain Voltage (VDD)
4 RF Output (Pout)
5 RF Ground (Case)
TEST BLOCK DIAGRAM
EQUIVALENT CIRCUIT
EQUIVALENT CIRCUIT
C1, C2: 4700pF, 22uF in parallel
Directional
Coupler
Attenuator
Power
Meter
Spectrum
Analyzer
Signal
Generator
Attenuator
Pre-
amplifier
Power
Meter
Directional
Coupler
DUT
5
4
3
2
1
ZG=50
ZL=50
C1
C2
-
+
DC Power
Supply VGG
+
-
DC Power
Supply VDD
Attenuator
Now Preparing


Similar Part No. - RA06H8285M-E01

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA06H8285M-101 MITSUBISHI-RA06H8285M-101 Datasheet
94Kb / 9P
   820-851MHz 6W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA06H8285M-101 MITSUBISHI-RA06H8285M-101 Datasheet
186Kb / 9P
   RoHS Compliance, 820-851MHz 6W 12.5V, 3 Stage Amp. For MOBILE RADIO
More results

Similar Description - RA06H8285M-E01

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA07H0608M MITSUBISHI-RA07H0608M Datasheet
64Kb / 9P
   MITSUBISHI RF MOSFET MODULE
RA07N4047M MITSUBISHI-RA07N4047M Datasheet
62Kb / 9P
   MITSUBISHI RF MOSFET MODULE
RA30H3340M MITSUBISHI-RA30H3340M Datasheet
108Kb / 9P
   MITSUBISHI RF MOSFET MODULE
RA07M3340M MITSUBISHI-RA07M3340M Datasheet
67Kb / 9P
   MITSUBISHI RF MOSFET MODULE
RA07M2127M MITSUBISHI-RA07M2127M Datasheet
61Kb / 9P
   MITSUBISHI RF MOSFET MODULE
RA45H4047M MITSUBISHI-RA45H4047M Datasheet
93Kb / 9P
   MITSUBISHI RF MOSFET MODULE 400-470MHz 45W 12.5V MOBILE RADIO
RA07H3340M MITSUBISHI-RA07H3340M Datasheet
62Kb / 9P
   MITSUBISHI RF MOSFET MODULE 330-400MHz 7W 12.5V PORTABLE/ MOBILE RADIO
RA13H4047M MITSUBISHI-RA13H4047M Datasheet
85Kb / 9P
   MITSUBISHI RF MOSFET MODULE 400-470MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RD60HUF1 MITSUBISHI-RD60HUF1 Datasheet
320Kb / 7P
   MITSUBISHI RF POWER MOS FET
logo
Renesas Technology Corp
FS10KM-12A RENESAS-FS10KM-12A Datasheet
91Kb / 5P
   MITSUBISHI Nch POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com