Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M66307FP Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M66307FP
Description  LINE SCAN BUFFER with 16-BIT MPU BUS COMPATIBLE INPUTS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M66307FP Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M66307FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M66307FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M66307FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M66307FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M66307FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M66307FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M66307FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M66307FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M66307FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
MITSUBISHI
〈DIGITAL ASSP〉
M66307SP/FP
LINE SCAN BUFFER with 16BIT MPU BUS COMPATIBLE INPUTS
1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
D8
D9
D10
D11
D12
D13
D14
D15
CLK/ φ IN
(0V)GND
WR
CS
C/D
RESET
INTR
CLKE
WRITE CONTROL
INPUT
CHIP SELECT INPUT
COMMAND/DATA
CONTROL INPUT
RESET INPUT
INTERRUPT REQUEST
OUTPUT
CLOCK INPUT
CLOCK ENABLE
INPUT
DATA INPUTS
D7
VCC(5V)
D6
D5
D4
D3
D2
D1
D0
DACK
DREQ
EXD
TOG
CLK/ φ OUT
DATA OUT
BUSY/ORDY
DMA ACKNOWLEDGE
INPUT
DMA REQUEST
OUTPUT
EXTENDED D INPUT
TOGGLE INPUT
CLOCK
OUTPUT
DATA OUTPUT
BUSY/
OUTPUT
READY
OUTPUT
DATA INPUTS
MITSUBISHI
〈DIGITAL ASSP〉
M66307SP/FP
LINE SCAN BUFFER with 16-BIT MPU BUS COMPATIBLE INPUTS
DESCRIPTION
The M66307SP/FP is an integrated circuit consisting of a line buffer
with static memory, manufactured by the silicon gate CMOS pro-
cess, which satisfies A3-paper 400DPI requirements. It converts the
stored data from the 16-bit MPU bus into serial data and outputs it at
a transfer rate of up to 10Mbps synchronously with the external data
request clock or an arbitrary continuous clock.
FEATURES
16-bit MPU bus compatible
Writing data via DMAC is possible
320-word (5,120-bit) static RAM
Data output rate of up to 10Mbps
Built-in function to add fixed data of a specified length at the be-
ginning of output data (Fixed data: Continuous High bit or Low bit
data)
The output format can be selected between FIFO or LIFO.
The output method can be selected from two:
(1) Synchronized with an arbitrary continuous clock (φ IN) on the
system side; the frequency of clock output (CLK/φ OUT) can
be divided by 1, 2, 4, 8, or 16.
(2) Synchronized with the data request clock (CLK IN) on the pe-
ripheral equipment side.
Up to two devices can be cascaded.
(1) Toggle configuration
(2) 32-bit bus configuration
High fan-out outputs (CLK/φ OUT, DATA OUT).
Io=
±24mA
(
±4mA for INTR and DREQ
±8mA for BUSY/ORDY)
PIN CONFIGURATION (TOP VIEW)
The clock input (CLK/φ IN) contains a Schmitt trigger.
The reset (RESET), Write (WR) and toggle input (TOG) contain
negative noise reduction circuits.
APPLICATION
Image-handling general OA equipment
Outline 32P4B
32P2W-A
BLOCK DIAGRAM
9
10
11
23
24
25
26
27
28
29
30
31
1
2
3
4
5
6
7
8
20
21
14
15
12
16
32
22
13
17
18
19
Write
control
circuit
Expansion
control
circuit
Clock
control
circuit
Reset
control
circuit
Command registers
Fixed data
length register
DREQ words register
Mode register
Frequency
divider
Clock signal
select circuit
Output
control
circuit
Write/send
address
control
circuit
320 word
CMOS
SRAM
Output
control
circuit
Output
control
circuit
Output
control
circuit
16
16
16
16
13
94
9
13
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
WR
CS
C/D
DACK
TOG
EXD
CLK/ φ IN
CLKE
RESET
DREQ
INTR
BUSY/ORDY
DATA OUT
CLK/ φ OUT
16
GND
VCC


Similar Part No. - M66307FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M66307FP RENESAS-M66307FP Datasheet
4Mb / 23P
   LINE SCAN BUFFER WITH 16-BIT MPU BUS COMPATIBLE INPUTS
More results

Similar Description - M66307FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M66307SP RENESAS-M66307SP Datasheet
4Mb / 23P
   LINE SCAN BUFFER WITH 16-BIT MPU BUS COMPATIBLE INPUTS
logo
Toshiba Semiconductor
TC74LCX16244AFT TOSHIBA-TC74LCX16244AFT Datasheet
252Kb / 7P
   LOW-VOLTAGE 16-BIT BUS BUFFER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74VCX16244FT TOSHIBA-TC74VCX16244FT Datasheet
333Kb / 9P
   LOW VOLTAGE 16-BIT BUS BUFFER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCX162244FT TOSHIBA-TC74VCX162244FT Datasheet
335Kb / 9P
   LOW VOLTAGE 16-BIT BUS BUFFER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74LCX16244FT TOSHIBA-TC74LCX16244FT_07 Datasheet
184Kb / 9P
   Low-Voltage 16-Bit Bus Buffer with 5-V Tolerant Inputs and Outputs
TC74LCX16244FT TOSHIBA-TC74LCX16244FT Datasheet
141Kb / 9P
   Low-Voltage 16-Bit Bus Buffer with 5-V Tolerant Inputs and Outputs
logo
STMicroelectronics
74LCX162541 STMICROELECTRONICS-74LCX162541 Datasheet
246Kb / 15P
   Low voltage CMOS 16-bit bus buffer with 5V tolerant inputs and outputs
logo
Toshiba Semiconductor
TC74LCX16240AFT TOSHIBA-TC74LCX16240AFT Datasheet
252Kb / 7P
   LOW-VOLTAGE 16-BIT BUS BUFFER(INVERTED) WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74VCX16244FT TOSHIBA-TC74VCX16244FT_07 Datasheet
205Kb / 10P
   Low-Voltage 16-Bit Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC74VCX162244FT TOSHIBA-TC74VCX162244FT_07 Datasheet
211Kb / 10P
   Low-Voltage 16-Bit Bus Buffer with 3.6-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com