Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM8500A Datasheet(PDF) 4 Page - SamHop Microelectronics Corp.

Part # STM8500A
Description  Dual E nhancement Mode Field Effect Transistor (N and P Channel)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STM8500A Datasheet(HTML) 4 Page - SamHop Microelectronics Corp.

  STM8500A Datasheet HTML 1Page - SamHop Microelectronics Corp. STM8500A Datasheet HTML 2Page - SamHop Microelectronics Corp. STM8500A Datasheet HTML 3Page - SamHop Microelectronics Corp. STM8500A Datasheet HTML 4Page - SamHop Microelectronics Corp. STM8500A Datasheet HTML 5Page - SamHop Microelectronics Corp. STM8500A Datasheet HTML 6Page - SamHop Microelectronics Corp. STM8500A Datasheet HTML 7Page - SamHop Microelectronics Corp. STM8500A Datasheet HTML 8Page - SamHop Microelectronics Corp. STM8500A Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Figure 1. Output Characteristics
Figure 2. Transfer Characteristics
Figure 4. On-Resistance Variation with
Drain Current and Temperature
Figure 3. Capacitance
VDS, Drain-to Source Voltage (V)
VGS, Gate-to-Source Voltage (V)
VDS, Drain-to-Source Voltage (V)
4
5
20
16
12
8
4
0
0
0.5
1
1.5
2
2.5
3
VGS=3V
-55 C
25
20
15
10
5
0
0
1.0
2.0
3.0
4.0
5.0
6.0
Tj=( C )
1.8
1.6
1.4
1.2
1.0
0.8
0
-50
0
50
100
150
900
750
600
450
300
150
0
0
5
10
15
20
25
30
Ciss
Coss
Crss
Parameter
Symbol
Condition
Min Typ Max Unit
ELECTRICAL CHARACTERISTICS (TA=25 C unless otherwise noted)
DRAIN-SOURCE DIODE CHARACTERISTICS
Diode Forward Voltage
VSD
VGS = 0V, Is =1.7A
N-Ch
0.8
1.2
-0.79
-1.2
VGS = 0V, Is =-1.7A
P-Ch
V
b
C
Notes
c.Guaranteed by design,not subject to production testing.
b.Pulse Test:PulseWidth 300μs,Duty Cycle 2%.
a.Surface Mounted on FR4 Board,t 10sec.
N-Channel
VGS=4V
-25
25
75
125
V GS =10V
ID=4.5A
25 C
Tj=125 C
S T M8500A
VGS=4.5V
VGS=5V
VGS=6V
VGS=8V
VGS=10V
d.Guaranteed when external R g=6 ohm and tf < tf max


Similar Part No. - STM8500A

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STM8500 SAMHOP-STM8500 Datasheet
1Mb / 11P
   Dual E nhancement Mode Field Effect Transistor (N and P Channel)
More results

Similar Description - STM8500A

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STM8402 SAMHOP-STM8402 Datasheet
935Kb / 11P
   Dual E nhancement Mode Field Effect Transistor (N and P Channel)
STM8501 SAMHOP-STM8501 Datasheet
832Kb / 11P
   Dual E nhancement Mode Field Effect Transistor (N and P Channel)
STU405D SAMHOP-STU405D Datasheet
988Kb / 11P
   Dual E nhancement Mode Field Effect Transistor (N and P Channel)
STM8303 SAMHOP-STM8303 Datasheet
976Kb / 11P
   Dual E nhancement Mode Field Effect Transistor (N and P Channel)
STM8306 SAMHOP-STM8306 Datasheet
781Kb / 11P
   Dual E nhancement Mode Field Effect Transistor ( N and P Channel)
STM8403 SAMHOP-STM8403 Datasheet
843Kb / 11P
   Dual E nhancement Mode Field Effect Transistor (N and P Channel)
STU404D SAMHOP-STU404D Datasheet
951Kb / 11P
   Dual E nhancement Mode Field Effect Transistor (N and P Channel)
STM8305 SAMHOP-STM8305 Datasheet
1Mb / 11P
   Dual E nhancement Mode Field Effect Transistor (N and P Channel)
STM8358S SAMHOP-STM8358S Datasheet
815Kb / 11P
   Dual E nhancement Mode Field Effect Transistor (N and P Channel)
STM8500 SAMHOP-STM8500 Datasheet
1Mb / 11P
   Dual E nhancement Mode Field Effect Transistor (N and P Channel)
STM8450A SAMHOP-STM8450A Datasheet
1Mb / 11P
   Dual E nhancement Mode Field Effect Transistor (N and P Channel)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com