Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM8500A Datasheet(PDF) 11 Page - SamHop Microelectronics Corp.

Part # STM8500A
Description  Dual E nhancement Mode Field Effect Transistor (N and P Channel)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STM8500A Datasheet(HTML) 11 Page - SamHop Microelectronics Corp.

Back Button STM8500A Datasheet HTML 3Page - SamHop Microelectronics Corp. STM8500A Datasheet HTML 4Page - SamHop Microelectronics Corp. STM8500A Datasheet HTML 5Page - SamHop Microelectronics Corp. STM8500A Datasheet HTML 6Page - SamHop Microelectronics Corp. STM8500A Datasheet HTML 7Page - SamHop Microelectronics Corp. STM8500A Datasheet HTML 8Page - SamHop Microelectronics Corp. STM8500A Datasheet HTML 9Page - SamHop Microelectronics Corp. STM8500A Datasheet HTML 10Page - SamHop Microelectronics Corp. STM8500A Datasheet HTML 11Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
SO-8 Tape and Reel Data
SO-8 Carrier Tape
SO-8 Reel
unit:㎜
PACKAGE
SOP 8N
150㏕
A0
B0
K0
D0
D1
E
E1
E2
P0
P1
P2
T
6.40
5.20
2.10
ψ
1.5
(MIN)
ψ
1.5
+ 0.1
- 0.0
12.0
±
0.3
1.75
5.5
±
0.05
8.0
4.0
2.0
±
0.05
0.3
±
0.05
UNIT:㎜
TAPE SIZE
12 ㎜
REEL SIZE
ψ
330
M
N
W
W1
H
K
S
G
R
V
330
±
1
62
±
1.5
12.4
+ 0.2
16.8
- 0.4
ψ
12.75
+ 0.15
2.0
±
0.15
11
S T M8500A


Similar Part No. - STM8500A

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STM8500 SAMHOP-STM8500 Datasheet
1Mb / 11P
   Dual E nhancement Mode Field Effect Transistor (N and P Channel)
More results

Similar Description - STM8500A

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STM8402 SAMHOP-STM8402 Datasheet
935Kb / 11P
   Dual E nhancement Mode Field Effect Transistor (N and P Channel)
STM8501 SAMHOP-STM8501 Datasheet
832Kb / 11P
   Dual E nhancement Mode Field Effect Transistor (N and P Channel)
STU405D SAMHOP-STU405D Datasheet
988Kb / 11P
   Dual E nhancement Mode Field Effect Transistor (N and P Channel)
STM8303 SAMHOP-STM8303 Datasheet
976Kb / 11P
   Dual E nhancement Mode Field Effect Transistor (N and P Channel)
STM8306 SAMHOP-STM8306 Datasheet
781Kb / 11P
   Dual E nhancement Mode Field Effect Transistor ( N and P Channel)
STM8403 SAMHOP-STM8403 Datasheet
843Kb / 11P
   Dual E nhancement Mode Field Effect Transistor (N and P Channel)
STU404D SAMHOP-STU404D Datasheet
951Kb / 11P
   Dual E nhancement Mode Field Effect Transistor (N and P Channel)
STM8305 SAMHOP-STM8305 Datasheet
1Mb / 11P
   Dual E nhancement Mode Field Effect Transistor (N and P Channel)
STM8358S SAMHOP-STM8358S Datasheet
815Kb / 11P
   Dual E nhancement Mode Field Effect Transistor (N and P Channel)
STM8500 SAMHOP-STM8500 Datasheet
1Mb / 11P
   Dual E nhancement Mode Field Effect Transistor (N and P Channel)
STM8450A SAMHOP-STM8450A Datasheet
1Mb / 11P
   Dual E nhancement Mode Field Effect Transistor (N and P Channel)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com