Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STG8211 Datasheet(PDF) 4 Page - SamHop Microelectronics Corp.

Part # STG8211
Description  Dual N-Channel E nhancement Mode Field Effect Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STG8211 Datasheet(HTML) 4 Page - SamHop Microelectronics Corp.

  STG8211 Datasheet HTML 1Page - SamHop Microelectronics Corp. STG8211 Datasheet HTML 2Page - SamHop Microelectronics Corp. STG8211 Datasheet HTML 3Page - SamHop Microelectronics Corp. STG8211 Datasheet HTML 4Page - SamHop Microelectronics Corp. STG8211 Datasheet HTML 5Page - SamHop Microelectronics Corp. STG8211 Datasheet HTML 6Page - SamHop Microelectronics Corp. STG8211 Datasheet HTML 7Page - SamHop Microelectronics Corp. STG8211 Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
F igure 5. G ate T hres hold V ariation
with T emperature
F igure 6. B reakdown V oltage V ariation
with T emperature
T j, J unction T emperature ( C )
T j, J unction T emperature ( C )
4
1.4
1.2
1.0
0.8
0.6
0.4
0.2
-50 -25
0
25
50
75 100 125
V DS =V GS
ID=250uA
-50 -25
0
25
50
75 100 125
1.15
1.10
1.05
1.00
0.95
0.90
0.85
ID=250uA
F igure 8. B ody Diode F orward V oltage
V ariation with S ource C urrent
V S D, B ody Diode F orward V oltage (V )
20.0
10.0
1.0
0.2
0.4
0.6
0.8
1.0
1.2
25 C
75 C
125 C
V GS , G ate-S ource Voltage (V )
30
25
20
15
10
5
0
F igure 7. On-R esistance vs.
G ate-S ource V oltage
2
4
6
8
0
25 C
125 C
ID=5A
75 C
S T G 8211


Similar Part No. - STG8211

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STG8211 VBSEMI-STG8211 Datasheet
1Mb / 8P
   Dual N-Channel 30-V (D-S) MOSFET
More results

Similar Description - STG8211

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STS8208 SAMHOP-STS8208 Datasheet
591Kb / 8P
   Dual N-Channel E nhancement Mode Field Effect Transistor
STU402D SAMHOP-STU402D Datasheet
637Kb / 7P
   Dual N-Channel E nhancement Mode Field Effect Transistor
STM8206 SAMHOP-STM8206 Datasheet
646Kb / 7P
   Dual N-Channel E nhancement Mode Field Effect Transistor
STM6912 SAMHOP-STM6912 Datasheet
554Kb / 7P
   Dual N-Channel E nhancement Mode Field Effect Transistor
STG8206 SAMHOP-STG8206 Datasheet
650Kb / 7P
   Dual N-Channel E nhancement Mode Field Effect Transistor
STG8210 SAMHOP-STG8210 Datasheet
652Kb / 7P
   Dual N-Channel E nhancement Mode Field Effect Transistor
STS8205 SAMHOP-STS8205 Datasheet
596Kb / 7P
   Dual N-Channel E nhancement Mode Field Effect Transistor
STM6913A SAMHOP-STM6913A Datasheet
722Kb / 7P
   Dual N-Channel E nhancement Mode Field Effect Transistor
STS8201 SAMHOP-STS8201 Datasheet
565Kb / 8P
   Dual N-Channel E nhancement Mode Field Effect Transistor
SDM9926 SAMHOP-SDM9926 Datasheet
571Kb / 8P
   Dual N-Channel E nhancement Mode Field Effect Transistor
STG8209 SAMHOP-STG8209 Datasheet
628Kb / 8P
   Dual N-Channel E nhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com