Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDS9906 Datasheet(PDF) 2 Page - SamHop Microelectronics Corp.

Part # SDS9906
Description  N-Channel E nhancement Mode Field Effect Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SDS9906 Datasheet(HTML) 2 Page - SamHop Microelectronics Corp.

  SDS9906 Datasheet HTML 1Page - SamHop Microelectronics Corp. SDS9906 Datasheet HTML 2Page - SamHop Microelectronics Corp. SDS9906 Datasheet HTML 3Page - SamHop Microelectronics Corp. SDS9906 Datasheet HTML 4Page - SamHop Microelectronics Corp. SDS9906 Datasheet HTML 5Page - SamHop Microelectronics Corp. SDS9906 Datasheet HTML 6Page - SamHop Microelectronics Corp. SDS9906 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
S DS 9906
E LE CTR ICAL CHAR ACTE R IS TICS (TA 25 C unless otherwise noted)
=
Parameter
Symbol
Condition
Min Typ Max Unit
OFF CHAR ACTER ISTICS
Drain-Source Breakdown Voltage
BVDSS
=
VGS 0V, ID 250uA
=
20
V
Zero Gate Voltage Drain Current
IDSS
VDS 16V, VGS 0V
=
=
1
uA
Gate-Body Leakage
IGSS
VGS 8V,VDS 0V
=
=
100 nA
ON CHAR ACTER ISTICS b
Gate Threshold Voltage
VGS(th)
VDS VGS, ID = 250uA
=
0.6
V
Drain-Source On-State R esistance
R DS(ON)
c
C
2
m ohm
VGS 4.0V, ID 2.8A
=
=
60
FS
c
5
S
Forward Transconductance
g
VDS 7V, ID 5A
DYNAMIC CHAR ACTER ISTICS
Input Capacitance
CISS
CRSS
COSS
Output Capacitance
R everse Transfer Capacitance
VDS =10V, VGS = 0V
f =1.0MHZ
P
F
P
F
P
F
SWITCHING CHAR ACTER ISTICS
Turn-On Delay Time
R ise Time
Turn-Off Delay Time
tD(ON)
tr
tD(OFF)
tf
VDD = 10V,
ID = 1A,
VGEN = 4.5V,
R L = 10 ohm
R GEN = 10 ohm
ns
ns
ns
ns
14
39
26
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
Qg
Qgs
Qgd
VDS =10V, ID = 1A,
VGS =4.5V
9.2
nC
nC
nC
1.6
2.6
Fall Time
=
=
86
608
114
10
VGS 2.5V, ID 2.0A
=
=
85
1.5
44
53
0.8


Similar Part No. - SDS9906

ManufacturerPart #DatasheetDescription
logo
AUK corp
SDS914 AUK-SDS914 Datasheet
267Kb / 4P
   Switching Diode
logo
KODENSHI_AUK CORP.
SDS914 KODENSHI-SDS914 Datasheet
251Kb / 5P
   Small Signal Fast Switching Diode
logo
AUK corp
SDS914F AUK-SDS914F Datasheet
103Kb / 3P
   Switching Diode
SDS914F AUK-SDS914F Datasheet
265Kb / 4P
   Switching Diode
logo
KODENSHI_AUK CORP.
SDS914F KODENSHI-SDS914F Datasheet
267Kb / 5P
   Small Signal Fast Switching Diode
More results

Similar Description - SDS9906

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDM4800 SAMHOP-SDM4800 Datasheet
649Kb / 7P
   N-Channel E nhancement Mode Field Effect Transistor
STM7096N SAMHOP-STM7096N Datasheet
701Kb / 8P
   N-Channel E nhancement Mode Field Effect Transistor
STS2300S SAMHOP-STS2300S Datasheet
820Kb / 8P
   N-Channel E nhancement Mode Field Effect Transistor
STS2306 SAMHOP-STS2306 Datasheet
646Kb / 7P
   N-Channel E nhancement Mode Field Effect Transistor
SDU30N02 SAMHOP-SDU30N02 Datasheet
864Kb / 8P
   N-Channel E nhancement Mode Field Effect Transistor
SDU3055L2 SAMHOP-SDU3055L2 Datasheet
859Kb / 8P
   N-Channel E nhancement Mode Field Effect Transistor
STU4530NL SAMHOP-STU4530NL Datasheet
770Kb / 8P
   N-Channel E nhancement Mode Field Effect Transistor
STC2200 SAMHOP-STC2200 Datasheet
712Kb / 7P
   N-Channel E nhancement Mode Field Effect Transistor
STM9410A SAMHOP-STM9410A Datasheet
729Kb / 7P
   N-Channel E nhancement Mode Field Effect Transistor
STS2302S SAMHOP-STS2302S Datasheet
806Kb / 8P
   N-Channel E nhancement Mode Field Effect Transistor
STS3402 SAMHOP-STS3402 Datasheet
718Kb / 7P
   N-Channel E nhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com