Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SDM4435 Datasheet(PDF) 5 Page - SamHop Microelectronics Corp.

Part No. SDM4435
Description  P-Channel E nhancement Mode MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMHOP [SamHop Microelectronics Corp.]
Homepage  http://www.samhop.com.tw
Logo 

SDM4435 Datasheet(HTML) 5 Page - SamHop Microelectronics Corp.

   
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
F igure 11. S witching T est C ircuit
F igure 12. S witching Waveforms
t
V
V
t
t
d(on)
OUT
IN
on
r
10%
td(off)
90%
10%
10%
50%
50%
90%
toff
tf
90%
PULS E WIDTH
2
1
0.1
0.01
S quare Wave P ulse Duration (sec)
F igure 13. Normalized T hermal T ransient Impedance C urve
5
INVE R TE D
Duty C ycle=0.5
0.2
0.1
0.05
0.02
S ingle P ulse
10
-4
10
-3
10
-2
10
-1
1
10
100
PDM
t1
t2
1. R thJA (t)=r (t) * R thJA
2. R thJA=S ee Datasheet
3. T JM-T A = P DM* R thJA (t)
4. Duty C ycle, D=t1/t2
-VDD
R
D
V
V
R
S
V
G
G S
IN
G E N
OUT
L
S DM4435


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
STS3403P-Channel E nhancement Mode MOSFET 1 2 3 4 5 MoreSamHop Microelectronics Corp.
STU1030PLP-Channel E nhancement Mode MOSFET 1 2 3 4 5 MoreSamHop Microelectronics Corp.
STU1530PLP-Channel E nhancement Mode MOSFET 1 2 3 4 5 MoreSamHop Microelectronics Corp.
STM6375P-Channel E nhancement Mode MOSFET 1 2 3 4 5 MoreSamHop Microelectronics Corp.
STU2040PLP-Channel E nhancement Mode MOSFET 1 2 3 4 5 MoreSamHop Microelectronics Corp.
STM4433P-Channel E nhancement Mode MOSFET 1 2 3 4 5 MoreSamHop Microelectronics Corp.
STS3401P-Channel E nhancement Mode MOSFET 1 2 3 4 5 MoreSamHop Microelectronics Corp.
APM4538KDual Enhancement Mode MOSFET N-and P-Channel 1 2 3 4 5 MoreAnpec Electronics Coropration
ZXM61P02F20V P-CHANNEL ENHANCEMENT MODE MOSFET 1 2 3 4 5 MoreZetex Semiconductors
ZXMD63C02X20V DUAL N AND P-CHANNEL ENHANCEMENT MODE MOSFET 1 2 3 4 5 MoreZetex Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn