Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4004S Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # 1N4004S
Description  PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

1N4004S Datasheet(HTML) 2 Page - Pan Jit International Inc.

  1N4004S Datasheet HTML 1Page - Pan Jit International Inc. 1N4004S Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES
1N4001S THRU 1N4007S
1.6
1.4
1.2
1.0
.8
.6
.4
.2
0
0
20
40
60
80
120
140
160
180
MAXIMUM AVERAGE CURRENT RATING SINGLE
HALF-WAVE, 60Hz RESISTIVE OR INDUCTIVE
LEAD LENGTHS
AMBIENT TEMPERATURE, ¢J
Fig. 1-TYPICAL FORWARD CURRENT DERATING CURVE
20
10
4
2
1.0
.4
.2
.1
.04
.02
.01
.6
¡@¡@
.8
¡@¡@
1.0
¡@
1.2
¡@
1.4
1.5
Tj=25¢J
Pulse Width = 300£gs
2% Duty Cycle
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
30
24
18
12
6
1
2
4
6
8 10
20
60 80 100
40
NUMBER OF CYCLES AT 60Hz
Fig. 2-TYPICAL FORWARD CHARACTERISTICS
Fig. 3-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
0
20
60
80
100
120
1,000
100
10
1
0.1
0.01
Tj = 150¢J
Tj = 150¢J
Tj = 100¢J
Tj = 25¢J
PERCENTAGE OF PEAK REVERSE VOLTAGE, %
10
4
1.0
.4
.1
.04
.01
0
20
40
80
100
120
Tj=100¢J
Tj=25¢J
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
Fig. 4-TYPICAL REVERSE CHARACTERISTICS
Fig. 5-TYPICAL REVERSE CHARACTERISTICS


Similar Part No. - 1N4004S

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
1N4004S DIOTEC-1N4004S Datasheet
129Kb / 2P
   Standard Recovery Rectifier Diodes
logo
Transys Electronics
1N4004S TRSYS-1N4004S Datasheet
148Kb / 3P
   PLASTIC SILICON RECTIFIER
logo
Pan Jit International I...
1N4004S PANJIT-1N4004S Datasheet
67Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Taiwan Semiconductor Co...
1N4004S TSC-1N4004S Datasheet
198Kb / 4P
   Silicon Rectifiers
logo
First Silicon Co., Ltd
1N4004S FS-1N4004S Datasheet
597Kb / 2P
   REVERSE VOLTGE 50V~1000V, FORWARD CURRENT 1.0AMP Rectifiers
More results

Similar Description - 1N4004S

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N4001 PANJIT-1N4001 Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
1A1 PANJIT-1A1 Datasheet
52Kb / 2P
   MINIATURE PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Rectron Semiconductor
RL1N4001 RECTRON-RL1N4001 Datasheet
23Kb / 2P
   SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
logo
Pan Jit International I...
1F1 PANJIT-1F1 Datasheet
57Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
List of Unclassifed Man...
1N4001PT ETC1-1N4001PT Datasheet
71Kb / 2P
   SILICON RECTIFIER VOLTAGE RANGE 50 - 1000 Volts CURRENT 1.0 Ampere
logo
Chenmko Enterprise Co. ...
1N4001PT CHENMKO-1N4001PT Datasheet
77Kb / 2P
   SILICON RECTIFIER VOLTAGE RANGE 50 - 1000 Volts CURRENT 1.0 Ampere
logo
DAESAN ELECTRONIC CORP.
RL101FG DAESAN-RL101FG Datasheet
316Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1N4001A DAESAN-1N4001A Datasheet
304Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1F1G DAESAN-1F1G Datasheet
313Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1N4001 DAESAN-1N4001 Datasheet
210Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com