Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

SM5304AV Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part No. SM5304AV
Description  Video Buffer with Built-in Analog LPF
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NPC [Nippon Precision Circuits Inc]
Homepage  http://www.npc.co.jp/en
Logo 

SM5304AV Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

 
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SM5304AV
NIPPON PRECISION CIRCUITS INC.—4
Electrical Characteristics
VCC = 5.0V, Ta = 25°C, unless otherwise noted, See Measurement circuit.
Test level
I : Valid for 100% product tests conducted at Ta = 25
°C
II : 100% valid for alternative tests conducted at Ta = 25
°C
III : Guaranteed based on design and characteristics evaluation
Measurement circuit
Parameter
Symbol
Condition
Rating
Unit
Test
level
min
typ
max
Current consumption 1
ICC1
VCC = 4.5 to 5.5V, RFC = 2.7kΩ,
Ta = – 40 to 85
°C, ENABLE = “HIGH”
–41
52
mA
II
Current consumption 2
ICC2
VCC = 4.5 to 5.5V, RFC = 4.3kΩ,
Ta = – 40 to 85
°C, ENABLE = “HIGH”
–39
49
mA
II
Current consumption 3
ICC3
ENABLE = “LOW”, GSEL = “LOW”
10
µAI
Signal gain 1
AV1
GSEL = “LOW”, RFC = 4.3kΩ,
f = 1MHz
5.7
6.2
6.7
dB
I
Signal gain 2
AV2
GSEL = “Open cct”, RFC = 4.3kΩ,
f = 1MHz
– 0.3
0.2
0.7
dB
I
Signal gain 3
AV3
GSEL = “HIGH”, RFC = 4.3kΩ,
f = 1MHz
11.5
12.0
12.5
dB
I
Input voltage range
VIN
AC-coupled input, f = 100kHz
1.4
Vp-p
I
Maximum output voltage
Vout
Output conditions shown in Typical
Connection
2.4
Vp-p
I
Clamp voltage
VCLMP
0.9
1.2
1.45
V
I
Overshoot/ Undershoot1
1. The percentage output pulse overshoot when RFC = 4.3kΩ, gain = 6dB, and input pulse = 1Vp-p (rise and fall times = 100ns).
VOS
4.0
%
III
Output harmonic distortion
THD
f = 1MHz, Vout = 2Vp-p, RFC = 4.3kΩ
0.7
%
III
Cutoff frequency control range
fC
2
10
MHz
I
Resistor (RFC) value range
2
2. Refer to “RFC Frequency Control” for the Cutoff frequency vs. RFC characteristics.
RFC
2.7
18
k
I
Cutoff frequency error
∆FC
––
± 15
%
I
4fc attenuation
fSB
f
≥ 4fc
– 70
dB
III
Group delay variation
∆TPD
RFC = 4.3kΩ, 100kHz and 5MHz
group delay difference
12
ns
III
VIN
ENABLE
RFC
VCC
GSEL
VF
VOUT
GND
4.7
µF
VCC
Input
VCC
22
µF
100
µF
Output
75
Ω 75Ω
75
Ω 75Ω
VCC
RFC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn