Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M66307SP Datasheet(PDF) 13 Page - Mitsubishi Electric Semiconductor

Part # M66307SP
Description  LINE SCAN BUFFER with 16-BIT MPU BUS COMPATIBLE INPUTS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M66307SP Datasheet(HTML) 13 Page - Mitsubishi Electric Semiconductor

Back Button M66307SP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M66307SP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M66307SP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M66307SP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M66307SP Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M66307SP Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M66307SP Datasheet HTML 15Page - Mitsubishi Electric Semiconductor M66307SP Datasheet HTML 16Page - Mitsubishi Electric Semiconductor M66307SP Datasheet HTML 17Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
MITSUBISHI
〈DIGITAL ASSP〉
M66307SP/FP
LINE SCAN BUFFER with 16-BIT MPU BUS COMPATIBLE INPUTS
13
TIMING REQUIREMENTS (Ta=0~70
°C, VCC=5V±10%, GND=0V unless otherwise noted)
Test condition
Parameter
Clock cycle time
Clock pulse width
Clock enable setup time before clock
Clock enable hold time after clock
Write cycle time
Write pulse width
Data setup time before rising edge of write signal
Data hold time after rising edge of write signal
Address setup time before falling edge of write signal
Address hold time after rising edge of write signal
DMA acknowledge input setup time before falling edge of
write signal
DMA acknowledge input hold time after rising edge of
write signal
Write recovery time
Clock recovery time after rising edge of write signal
Write recovery time after falling edge of clock
Reset pulse width
Write recovery time after reset
Mode inversion pulse width
Mode inversion recovery time after falling edge of clock
Clock recovery time after rising edge of mode inversion
Mode inversion recovery time after rising edge of write signal
Write recovery time after rising edge of mode inversion
Min.
100
45
35
5
100
60
45
0
0
0
0
0
40
250
250
250
250
250
100
250
250
250
Unit
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Typ.
Max.
Limits
Symbol
tC(
φI)/(CI)
tW
±(φI)/(CI)
tSU(CE–CI)
th(CI–CE)
tCW
tW(W)
tSU(D–W)
th(W–D)
tSU(A–W)
th(W–A)
tSU(DAC–W)
th(W–DAC)
trec(W)
trec(W–CI)
trec(CI–W)
tW(R)
trec(R-W)
tW(T)
trec(CI-T)
trec(T-CI)
trec(W-T)
trec(T-W)
Note : A delay in clock input (CLK/φ IN) rise time (tr) or fall time (tf) may cause erroneous operation.
tr, tf : 20ns or less is recommended.


Similar Part No. - M66307SP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M66307SP RENESAS-M66307SP Datasheet
4Mb / 23P
   LINE SCAN BUFFER WITH 16-BIT MPU BUS COMPATIBLE INPUTS
More results

Similar Description - M66307SP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M66307SP RENESAS-M66307SP Datasheet
4Mb / 23P
   LINE SCAN BUFFER WITH 16-BIT MPU BUS COMPATIBLE INPUTS
logo
Toshiba Semiconductor
TC74LCX16244AFT TOSHIBA-TC74LCX16244AFT Datasheet
252Kb / 7P
   LOW-VOLTAGE 16-BIT BUS BUFFER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74VCX16244FT TOSHIBA-TC74VCX16244FT Datasheet
333Kb / 9P
   LOW VOLTAGE 16-BIT BUS BUFFER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCX162244FT TOSHIBA-TC74VCX162244FT Datasheet
335Kb / 9P
   LOW VOLTAGE 16-BIT BUS BUFFER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74LCX16244FT TOSHIBA-TC74LCX16244FT_07 Datasheet
184Kb / 9P
   Low-Voltage 16-Bit Bus Buffer with 5-V Tolerant Inputs and Outputs
TC74LCX16244FT TOSHIBA-TC74LCX16244FT Datasheet
141Kb / 9P
   Low-Voltage 16-Bit Bus Buffer with 5-V Tolerant Inputs and Outputs
logo
STMicroelectronics
74LCX162541 STMICROELECTRONICS-74LCX162541 Datasheet
246Kb / 15P
   Low voltage CMOS 16-bit bus buffer with 5V tolerant inputs and outputs
logo
Toshiba Semiconductor
TC74LCX16240AFT TOSHIBA-TC74LCX16240AFT Datasheet
252Kb / 7P
   LOW-VOLTAGE 16-BIT BUS BUFFER(INVERTED) WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74VCX16244FT TOSHIBA-TC74VCX16244FT_07 Datasheet
205Kb / 10P
   Low-Voltage 16-Bit Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC74VCX162244FT TOSHIBA-TC74VCX162244FT_07 Datasheet
211Kb / 10P
   Low-Voltage 16-Bit Bus Buffer with 3.6-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com