Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI2456 Datasheet(PDF) 60 Page - Silicon Laboratories

Part # SI2456
Description  V.90, V.34, V.32BIS ISOMODEM??WITH INTEGRATED GLOBAL DAA
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI2456 Datasheet(HTML) 60 Page - Silicon Laboratories

Back Button SI2456 Datasheet HTML 56Page - Silicon Laboratories SI2456 Datasheet HTML 57Page - Silicon Laboratories SI2456 Datasheet HTML 58Page - Silicon Laboratories SI2456 Datasheet HTML 59Page - Silicon Laboratories SI2456 Datasheet HTML 60Page - Silicon Laboratories SI2456 Datasheet HTML 61Page - Silicon Laboratories SI2456 Datasheet HTML 62Page - Silicon Laboratories SI2456 Datasheet HTML 63Page - Silicon Laboratories SI2456 Datasheet HTML 64Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 86 page
background image
Si2456/Si2433/Si2414
60
Rev. 0.9
Reset settings = 0x401E
U77 GEN2
Bit
D15 D14 D13 D12
D11
D10
D9
D8D7D6D5D4
D3D2
D1D0
Name
IST
HOI
AOC
OHT
Type
R/W
R/W
R/W
R/W
Bit
Name
Function
15:12
IST
Intrusion Settling Time (250 ms units).
Delay between when the ISOmodem goes off-hook and the off-hook intrusion algorithm
begins. Default is 1 second.
11
HOI
Hang-Up On Intrusion.
0 = ISOmodem will not automatically hang up when an off-hook PPD interrupt occurs.
1 = ISOmodem automatically hangs up on a PPD interrupt.
10
Reserved Read returns zero.
9AOC
Overcurrent Protection.
Enable Overcurrent protection.
0 = Disable.
1 = Enable.
Note: AOC may falsely detect an overcurrent condition in the presence of line reversals or other
transients. Therefore, this feature should not be used in applications or locations (such as
Japan) where line reversals are common or may be expected.
8:0
OHT
Off-Hook Time (1 ms units).
Time before LVCS is checked for overcurrent condition after going off-hook (30 ms default).


Similar Part No. - SI2456

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI2456 SILABS-SI2456 Datasheet
829Kb / 74P
   V.90, V.34, V.32BIS ISOMODEM짰 CHIPSET WITH INTEGRATED GLOBAL DAA
logo
List of Unclassifed Man...
SI2456 ETC2-SI2456 Datasheet
829Kb / 74P
   V.90, V.34, V.32BIS ISOMODEM CHIPSET WITH INTEGRATED GLOBAL DAA
logo
Silicon Laboratories
SI2456-FT SILABS-SI2456-FT Datasheet
829Kb / 74P
   V.90, V.34, V.32BIS ISOMODEM짰 CHIPSET WITH INTEGRATED GLOBAL DAA
More results

Similar Description - SI2456

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI2433-FT ETC2-SI2433-FT Datasheet
829Kb / 74P
   V.90, V.34, V.32BIS ISOMODEM CHIPSET WITH INTEGRATED GLOBAL DAA
logo
Silicon Laboratories
SI2457 SILABS-SI2457 Datasheet
971Kb / 74P
   V.90, V.34, V.32BIS, V.22BIS ISOMODEM WITH GLOBAL DAA
logo
Skyworks Solutions Inc.
SI2457 SKYWORKS-SI2457 Datasheet
1,014Kb / 60P
   V.90, V.34, V.32BIS, V.22BIS ISOMODEM® WITH GLOBAL DAA
Rev. 1.3
logo
Silicon Laboratories
SI2456-FT SILABS-SI2456-FT Datasheet
829Kb / 74P
   V.90, V.34, V.32BIS ISOMODEM짰 CHIPSET WITH INTEGRATED GLOBAL DAA
logo
List of Unclassifed Man...
SI2401 ETC-SI2401 Datasheet
935Kb / 74P
   V.22BIS ISOMODEM WITH INTEGRATED GLOBAL DAA
logo
Silicon Laboratories
SI2494 SILABS-SI2494 Datasheet
449Kb / 70P
   V.92 AND V.34 ISOMODEM WITH GLOBAL DAA
logo
List of Unclassifed Man...
SI2400 ETC-SI2400 Datasheet
1Mb / 76P
   V.22BIS ISOMODEM??WITH INTEGRATED GLOBAL DAA
logo
Skyworks Solutions Inc.
SI2494 SKYWORKS-SI2494 Datasheet
1Mb / 70P
   V.92 AND V.34 ISOMODEM® WITH GLOBAL DAA
Rev. 1.0
SI2401 SKYWORKS-SI2401 Datasheet
2Mb / 75P
   V.22BIS ISOMODEM® WITH INTEGRATED GLOBAL DAA
Revision 0.7 to Revision 0.9
SI2493D SKYWORKS-SI2493D Datasheet
1,020Kb / 60P
   V.92 ISOMODEM® WITH GLOBAL DAA
Revision 0.91 to Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com