Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI2456 Datasheet(PDF) 54 Page - Silicon Laboratories

Part # SI2456
Description  V.90, V.34, V.32BIS ISOMODEM??WITH INTEGRATED GLOBAL DAA
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI2456 Datasheet(HTML) 54 Page - Silicon Laboratories

Back Button SI2456 Datasheet HTML 50Page - Silicon Laboratories SI2456 Datasheet HTML 51Page - Silicon Laboratories SI2456 Datasheet HTML 52Page - Silicon Laboratories SI2456 Datasheet HTML 53Page - Silicon Laboratories SI2456 Datasheet HTML 54Page - Silicon Laboratories SI2456 Datasheet HTML 55Page - Silicon Laboratories SI2456 Datasheet HTML 56Page - Silicon Laboratories SI2456 Datasheet HTML 57Page - Silicon Laboratories SI2456 Datasheet HTML 58Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 86 page
background image
Si2456/Si2433/Si2414
54
Rev. 0.9
Reset settings = 0x0000
U69 ITC3
Bit
D15 D14 D13 D12 D11 D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Name
DIAL
FJM
VOL
FLVM MODE
Type
R/W
R/W
R/W
Bit
Name
Function
15:8
Reserved Read returns zero.
7
Reserved Do not modify. Must be set to zero.
6DIAL
DTMF Dialing Mode.
This bit should be set during DTMF dialing in CTR21 mode if LVCS < 12.
0 = Normal operation.
1 = Increase headroom for DTMF dialing.
5FJM
Force Japan DC Termination Mode.
0 = Normal Gain.
1 = When DCT = 2 (FCC mode), setting this bit forces Japan dc termination mode while allow-
ing for a transmit level of –1 dBm. See "DTMF Dialing" on page 69.
4VOL1,2
Line Voltage Adjust.
When set, this bit adjusts the TIP-RING line voltage. Lowering this voltage improves margin in
low voltage countries. Raising this voltage may improve large signal distortion performance.
0 = Normal operation.
1 = Lower DCT voltage.
3FLVM1,2
Force Low Voltage Mode.
When DCT (U67, bits 3:2) = 10 (FCC mode), setting FLVM forces the Low Voltage mode (see
DCT = 00) while allowing for a transmit level of –1 dBm.
0 = Disable.
1 = Enable.
2MODE
Mode.
MODE = 1b enables on-hook line monitor. MODE must be disabled (MODE = 0b) before the
modem can go off-hook, dial, or answer a call.
0 = Disable.
1 = Enable.
1:0
Reserved Do not modify.
Notes:
1. See Table 19 on page 39
2. See "Appendix A—DAA Operation" on page 67


Similar Part No. - SI2456

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI2456 SILABS-SI2456 Datasheet
829Kb / 74P
   V.90, V.34, V.32BIS ISOMODEM짰 CHIPSET WITH INTEGRATED GLOBAL DAA
logo
List of Unclassifed Man...
SI2456 ETC2-SI2456 Datasheet
829Kb / 74P
   V.90, V.34, V.32BIS ISOMODEM CHIPSET WITH INTEGRATED GLOBAL DAA
logo
Silicon Laboratories
SI2456-FT SILABS-SI2456-FT Datasheet
829Kb / 74P
   V.90, V.34, V.32BIS ISOMODEM짰 CHIPSET WITH INTEGRATED GLOBAL DAA
More results

Similar Description - SI2456

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI2433-FT ETC2-SI2433-FT Datasheet
829Kb / 74P
   V.90, V.34, V.32BIS ISOMODEM CHIPSET WITH INTEGRATED GLOBAL DAA
logo
Silicon Laboratories
SI2457 SILABS-SI2457 Datasheet
971Kb / 74P
   V.90, V.34, V.32BIS, V.22BIS ISOMODEM WITH GLOBAL DAA
logo
Skyworks Solutions Inc.
SI2457 SKYWORKS-SI2457 Datasheet
1,014Kb / 60P
   V.90, V.34, V.32BIS, V.22BIS ISOMODEM® WITH GLOBAL DAA
Rev. 1.3
logo
Silicon Laboratories
SI2456-FT SILABS-SI2456-FT Datasheet
829Kb / 74P
   V.90, V.34, V.32BIS ISOMODEM짰 CHIPSET WITH INTEGRATED GLOBAL DAA
logo
List of Unclassifed Man...
SI2401 ETC-SI2401 Datasheet
935Kb / 74P
   V.22BIS ISOMODEM WITH INTEGRATED GLOBAL DAA
logo
Silicon Laboratories
SI2494 SILABS-SI2494 Datasheet
449Kb / 70P
   V.92 AND V.34 ISOMODEM WITH GLOBAL DAA
logo
List of Unclassifed Man...
SI2400 ETC-SI2400 Datasheet
1Mb / 76P
   V.22BIS ISOMODEM??WITH INTEGRATED GLOBAL DAA
logo
Skyworks Solutions Inc.
SI2494 SKYWORKS-SI2494 Datasheet
1Mb / 70P
   V.92 AND V.34 ISOMODEM® WITH GLOBAL DAA
Rev. 1.0
SI2401 SKYWORKS-SI2401 Datasheet
2Mb / 75P
   V.22BIS ISOMODEM® WITH INTEGRATED GLOBAL DAA
Revision 0.7 to Revision 0.9
SI2493D SKYWORKS-SI2493D Datasheet
1,020Kb / 60P
   V.92 ISOMODEM® WITH GLOBAL DAA
Revision 0.91 to Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com