Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI2456 Datasheet(PDF) 52 Page - Silicon Laboratories

Part # SI2456
Description  V.90, V.34, V.32BIS ISOMODEM??WITH INTEGRATED GLOBAL DAA
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI2456 Datasheet(HTML) 52 Page - Silicon Laboratories

Back Button SI2456 Datasheet HTML 48Page - Silicon Laboratories SI2456 Datasheet HTML 49Page - Silicon Laboratories SI2456 Datasheet HTML 50Page - Silicon Laboratories SI2456 Datasheet HTML 51Page - Silicon Laboratories SI2456 Datasheet HTML 52Page - Silicon Laboratories SI2456 Datasheet HTML 53Page - Silicon Laboratories SI2456 Datasheet HTML 54Page - Silicon Laboratories SI2456 Datasheet HTML 55Page - Silicon Laboratories SI2456 Datasheet HTML 56Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 86 page
background image
Si2456/Si2433/Si2414
52
Rev. 0.9
Reset settings = 0x0008
U67 ITC1
Bit
D15 D14 D13 D12 D11 D10
D9
D8
D7D6D5D4D3
D2
D1
D0
Name
OFF OHS ACT
DCT
RZ
RT
Type
R/W R/W R/W
R/W
R/W R/W
Bit
Name
Function
15:8
Reserved Read returns zero.
7OFF
DC Termination Off.
0 = Normal operation.
The OFF bit must always be set to 0 when on-hook.
1 = DC termination disabled and the device presents an 800
Ω dc impedance to the line,
which is used to enhance operation with an off-hook parallel phone.
6OHS1,2
On-Hook Speed.
0 = The Si2456/33/14 will execute a fast on-hook.
1 = The Si2456/33/14 will execute a slow controlled on-hook.
5ACT1,2
AC Termination Select.
0 = Selects the real impedance.
1 = Selects the complex impedance.
4
Reserved Read returns zero.
3:2
DCT1,2
DC Termination Select.
00 = Low Voltage mode (Transmit level = –13.85 dBm).
01 = Japan mode (Transmit level = –11.85 dBm).
10 = FCC mode. Standard voltage mode (Transmit level = –9.85 dBm).
11 = CTR21 mode. Current limiting mode (Transmit level = –9.85 dBm).
1RZ1,2
Ringer Impedance.
0 = Maximum (high) ringer impedance.
1 = Synthesize ringer impedance. C15, R14, Z2, and Z3 must not be installed when setting
this bit. See "Ringer Impedance" on page 69.
0RT1,2
Ringer Threshold Select.
Used to satisfy country requirements on ring detection. Signals below the lower level does not
generate a ring detection; signals above the upper level are guaranteed to generate a ring
detection.
0 = 11 to 22 VRMS.
1 = 17 to 33 VRMS.
Notes:
1. See Table 19 on page 39
2. See "Appendix A—DAA Operation" on page 67


Similar Part No. - SI2456

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI2456 SILABS-SI2456 Datasheet
829Kb / 74P
   V.90, V.34, V.32BIS ISOMODEM짰 CHIPSET WITH INTEGRATED GLOBAL DAA
logo
List of Unclassifed Man...
SI2456 ETC2-SI2456 Datasheet
829Kb / 74P
   V.90, V.34, V.32BIS ISOMODEM CHIPSET WITH INTEGRATED GLOBAL DAA
logo
Silicon Laboratories
SI2456-FT SILABS-SI2456-FT Datasheet
829Kb / 74P
   V.90, V.34, V.32BIS ISOMODEM짰 CHIPSET WITH INTEGRATED GLOBAL DAA
More results

Similar Description - SI2456

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI2433-FT ETC2-SI2433-FT Datasheet
829Kb / 74P
   V.90, V.34, V.32BIS ISOMODEM CHIPSET WITH INTEGRATED GLOBAL DAA
logo
Silicon Laboratories
SI2457 SILABS-SI2457 Datasheet
971Kb / 74P
   V.90, V.34, V.32BIS, V.22BIS ISOMODEM WITH GLOBAL DAA
logo
Skyworks Solutions Inc.
SI2457 SKYWORKS-SI2457 Datasheet
1,014Kb / 60P
   V.90, V.34, V.32BIS, V.22BIS ISOMODEM® WITH GLOBAL DAA
Rev. 1.3
logo
Silicon Laboratories
SI2456-FT SILABS-SI2456-FT Datasheet
829Kb / 74P
   V.90, V.34, V.32BIS ISOMODEM짰 CHIPSET WITH INTEGRATED GLOBAL DAA
logo
List of Unclassifed Man...
SI2401 ETC-SI2401 Datasheet
935Kb / 74P
   V.22BIS ISOMODEM WITH INTEGRATED GLOBAL DAA
logo
Silicon Laboratories
SI2494 SILABS-SI2494 Datasheet
449Kb / 70P
   V.92 AND V.34 ISOMODEM WITH GLOBAL DAA
logo
List of Unclassifed Man...
SI2400 ETC-SI2400 Datasheet
1Mb / 76P
   V.22BIS ISOMODEM??WITH INTEGRATED GLOBAL DAA
logo
Skyworks Solutions Inc.
SI2494 SKYWORKS-SI2494 Datasheet
1Mb / 70P
   V.92 AND V.34 ISOMODEM® WITH GLOBAL DAA
Rev. 1.0
SI2401 SKYWORKS-SI2401 Datasheet
2Mb / 75P
   V.22BIS ISOMODEM® WITH INTEGRATED GLOBAL DAA
Revision 0.7 to Revision 0.9
SI2493D SKYWORKS-SI2493D Datasheet
1,020Kb / 60P
   V.92 ISOMODEM® WITH GLOBAL DAA
Revision 0.91 to Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com