Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SED1670D1A Datasheet(PDF) 1 Page - Epson Company

Part # SED1670D1A
Description  Dot Matrix High Duty LCD Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

SED1670D1A Datasheet(HTML) 1 Page - Epson Company

  SED1670D1A Datasheet HTML 1Page - Epson Company SED1670D1A Datasheet HTML 2Page - Epson Company SED1670D1A Datasheet HTML 3Page - Epson Company SED1670D1A Datasheet HTML 4Page - Epson Company SED1670D1A Datasheet HTML 5Page - Epson Company SED1670D1A Datasheet HTML 6Page - Epson Company SED1670D1A Datasheet HTML 7Page - Epson Company SED1670D1A Datasheet HTML 8Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SED1670
1
PF836-02
Dot Matrix High Duty LCD Driver
SED1670
s OVERVIEW
The SED1670 is a 100 output low-power resistance common (row) driver which is suitable for driving a very high
capacity dotmatrix LCD panels upto a duty ratio of 1/300. It is intended to be used in conjunction with the SED1640D
or SED1606D as a pair.
Since the SED1670 is so designed to drive LCDs over a wide range of voltages, and also the maximum potential
V0 of its LCD drive bias voltages is isolated from VDD to allow the LCD driving bias voltages to be externally
generated optionally with a high accuracy, it can cope with a wide range of LCD panels.
Owing to its pad layout which can minimize its PC boards mounting space in addition to its selectable bidirectional
driver output sequence and as many as 100 LCD output segments of high pressure resistance and low output
impedance, it is possible to obtain the highest driver working efficiency for the 1/200 duty panel.
And the SED1670 can display 65 x 132 panel when used as a common driver of RAM buit-in driver, SED1531.
s FEATURES
q Number of LCD drive output segments: 100
q Common output ON resistance: 700
Ω (Typ.)
q Display duty ratio: 1/64 to 1/300 (Reference)
q Display capacity: Possible to display 640 x 480 dots when used in combination with SED 1640D or SED1606D.
q Selectable pin output shift direction
q No-bias display OFF function (*1*)
q Instantaneous display blanking enabled by inhibit function (*0*)
q Adjustable offset bias of LCD power to VDD level
q Wide range of LCD drive voltages: –7 V to –28 V (Absolute maximum rated voltage: –30 V)
q Logic system power supply: –2.7 V to –5.5 V
q Chip packaging
SED1670D0A (Al-pad die form)
SED1670D1A
SED1670D0B (Au bump die form)
SED1670D1B
SED1670T0A (TCP die form)
* Under Planning
SED1670T1A
* Under Planning
q No radial rays countermeasure taken in designing
q 100 Output
q 1/64 to 1/300 in display duty
q CMOS High Voltage Resistant Process


Similar Part No. - SED1670D1A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SED1600 ETC1-SED1600 Datasheet
53Kb / 10P
   CMOS 80-SEGMENT LCD DRIVER
SED1600D ETC1-SED1600D Datasheet
53Kb / 10P
   CMOS 80-SEGMENT LCD DRIVER
SED1600DAA ETC1-SED1600DAA Datasheet
53Kb / 10P
   CMOS 80-SEGMENT LCD DRIVER
SED1600DAB ETC1-SED1600DAB Datasheet
53Kb / 10P
   CMOS 80-SEGMENT LCD DRIVER
SED1606D ETC1-SED1606D Datasheet
269Kb / 13P
   CMOS LCD SEGMENT DRIVER
More results

Similar Description - SED1670D1A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC450210PCH ONSEMI-LC450210PCH_17 Datasheet
449Kb / 53P
   Duty Dot Matrix LCD Controller Driver
August 2017 - Rev. 2
LC75812PT ONSEMI-LC75812PT_17 Datasheet
590Kb / 55P
   Duty Dot Matrix LCD Controller / Driver
June 2017 - Rev. 1
LC75818PT ONSEMI-LC75818PT_17 Datasheet
464Kb / 44P
   Duty Dot Matrix LCD Controller & Driver
June 2017 - Rev. 1
logo
Sanyo Semicon Device
LC7940ND SANYO-LC7940ND Datasheet
214Kb / 11P
   Dot-Matrix LCD Driver
LC79430D SANYO-LC79430D Datasheet
115Kb / 5P
   Dot Matrix LCD Driver?
logo
Toshiba Semiconductor
T6K11 TOSHIBA-T6K11 Datasheet
576Kb / 47P
   DOT MATRIX LCD DRIVER
logo
Sanyo Semicon Device
LC79401D SANYO-LC79401D Datasheet
149Kb / 8P
   Dot-Matrix LCD Driver
LC7943D SANYO-LC7943D Datasheet
88Kb / 4P
   Dot Matrix LCD Driver?
LC7942ND SANYO-LC7942ND Datasheet
115Kb / 6P
   Dot-Matrix LCD Driver?
logo
List of Unclassifed Man...
SED1500 ETC-SED1500 Datasheet
590Kb / 32P
   DOT MATRIX LCD DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com