Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPC8009-H Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TPC8009-H
Description  TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (High speed U-MOSIII)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8009-H Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TPC8009-H Datasheet HTML 1Page - Toshiba Semiconductor TPC8009-H Datasheet HTML 2Page - Toshiba Semiconductor TPC8009-H Datasheet HTML 3Page - Toshiba Semiconductor TPC8009-H Datasheet HTML 4Page - Toshiba Semiconductor TPC8009-H Datasheet HTML 5Page - Toshiba Semiconductor TPC8009-H Datasheet HTML 6Page - Toshiba Semiconductor TPC8009-H Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TPC8009-H
2002-01-17
5
Ambient temperature Ta (°C)
RDS (ON) – Ta
Drain-source voltage VDS (V)
IDR – VDS
Drain-source voltage VDS (V)
Capacitance – VDS
Ambient temperature Ta (°C)
Vth – Ta
Ambient temperature Ta (°C)
PD – Ta
Total gate charge Qg (nC)
Dynamic Input/Output Characteristics
0.1
1
10
100
10
100
1000
10000
Crss
Coss
Ciss
Common source
VGS = 0 V
f
= 1 MHz
Ta
= 25°C
0
1.5
2.5
-80
-40
0
40
80
160
120
0.5
2
1
Common source
VDS = 10 V
ID = 1 mA
Pulse test
-80
-40
0
40
80
160
120
ID = 13、6.5、3.5 A
10
VGS = 4.5 V
ID = 13、6.5、3.5 A
0
4
8
14
18
2
6
10
12
16
Common source
Pulse test
0.1
1
10
0
-0.4
-0.6
-0.8
-1
-0.2
100
3
1
5
10
Common source
Ta
= 25°C
Pulse test
VGS = 0 V
0
0
0.4
0.8
1.2
1.6
2
50
100
150
200
(1) Device mounted on a
glass-epoxy board (a)
(Note 2a)
(2) Device mounted on a
glass-epoxy board (b)
(Note 2b)
t
= 10 s
(1)
(2)
12
6
0
0
5
510
15
10
20
30
0
4
8
12
10
Common source Ta
= 25°C
ID = 13 A Pulse test
VGS
20
25
30
15
25
6
2
VDS
VDD = 24 V
VDD = 24 V
6
12


Similar Part No. - TPC8009-H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8009-H TOSHIBA-TPC8009-H_06 Datasheet
226Kb / 7P
   High-Efficiency DC/DC Converter Applications Notebook PC Applications Portable-Equipment Applications
More results

Similar Description - TPC8009-H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8010-H TOSHIBA-TPC8010-H Datasheet
342Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (High speed U-MOSIII)
TPCS8208 TOSHIBA-TPCS8208 Datasheet
205Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPC6003 TOSHIBA-TPC6003 Datasheet
159Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPCS8209 TOSHIBA-TPCS8209 Datasheet
362Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPCP8001-H TOSHIBA-TPCP8001-H Datasheet
249Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (Ultra High speed U-MOSIII)
TPCS8211 TOSHIBA-TPCS8211 Datasheet
224Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPC8208 TOSHIBA-TPC8208 Datasheet
226Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPCS8204 TOSHIBA-TPCS8204 Datasheet
304Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPC6005 TOSHIBA-TPC6005 Datasheet
188Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPC8207 TOSHIBA-TPC8207 Datasheet
219Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com