Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHD124534D Datasheet(PDF) 2 Page - Sensitron

Part # SHD124534D
Description  HERMETIC POWER SCHOTTKY RECTIFIER Low Reverse Leakage 200째C Operating Temperature
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD124534D Datasheet(HTML) 2 Page - Sensitron

  SHD124534D Datasheet HTML 1Page - Sensitron SHD124534D Datasheet HTML 2Page - Sensitron SHD124534D Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web Site - http://www.sensitron.com • E-mail Address - sales@sensitron.com •
SENSITRON
TECHNICAL DATA
DATA SHEET 1153, REV. -
MECHANICAL DIMENSIONS: In Inches / mm
SINGLE
COMMON CATHODE
1
2
3
1
2
3
COMMON ANODE
DOUBLER
1
2
3
1
2
3
PINOUT TABLE
TYPE
PIN 1
PIN 2
PIN 3
SINGLE RECTIFIER
CATHODE
ANODE
ANODE
DUAL RECTIFIER, COMMON CATHODE (P)
ANODE 1
COMMON CATHODE
ANODE 2
DUAL RECTIFIER, COMMON ANODE (N)
CATHODE 1
COMMON ANODE
CATHODE 2
DOUBLER (D)
CATHODE
ANODE/CATHODE
ANODE
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Forward Voltage Drop - V F (V)
10-2
10-1
100
10
1
10
2
Typical Forward Characteristics
125 °C
200 °C
175 °C
25 °C
0
20
40
60
80
100
120
Reverse Voltage - V
R (V)
10
-4
10-3
10
-2
10
-1
100
10
1
102
Typical Reverse Characteristics
25 °C
50 °C
75 °C
100 °C
125 °C
150 °C
200 °C
175 °C
0
20
40
60
80
100
120
Reverse Voltage - V
R (V)
200
400
600
800
1000
1200
1400
Typical Junction Capacitance
Curves are given for un-packaged die.
SHD124534
SHD124534P
SHD124534N
SHD124534D
1
2
3
.270
.240
(6.86
6.10)
.045
.035
(1.14
0.89)
.140(3.56) BSC
.550
.530
(13.97
13.46)
.695
.685
(17.65
17.40)
.835
.815
(21.21
20.70)
.707
.697
(17.96
17.70)
1.302
1.202
(33.07
30.53)
.065
.055
(1.65
1.40)
3 Places
.200(5.08) BSC
2 Places
.165
.155
(4.19
3.94)
Dia.
TO-258


Similar Part No. - SHD124534D

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD124535 SENSITRON-SHD124535 Datasheet
57Kb / 3P
   ULTRA LOW REVERSE LEAKAGE POWER SCHOTTKY RECTIFIER
SHD124535 SENSITRON-SHD124535 Datasheet
69Kb / 2P
   ULTRA LOW REVERSE LEAKAGE POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD124535D SENSITRON-SHD124535D Datasheet
57Kb / 3P
   ULTRA LOW REVERSE LEAKAGE POWER SCHOTTKY RECTIFIER
SHD124535D SENSITRON-SHD124535D Datasheet
69Kb / 2P
   ULTRA LOW REVERSE LEAKAGE POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD124535N SENSITRON-SHD124535N Datasheet
57Kb / 3P
   ULTRA LOW REVERSE LEAKAGE POWER SCHOTTKY RECTIFIER
More results

Similar Description - SHD124534D

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD125634 SENSITRON-SHD125634 Datasheet
65Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
SHD119234 SENSITRON-SHD119234_08 Datasheet
52Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
SHD148234 SENSITRON-SHD148234 Datasheet
168Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
SHD141234 SENSITRON-SHD141234 Datasheet
59Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
SHD148234 SENSITRON-SHD148234_09 Datasheet
61Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
SHD141234 SENSITRON-SHD141234_06 Datasheet
59Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
SHD126534 SENSITRON-SHD126534 Datasheet
159Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
SHD114534 SENSITRON-SHD114534_08 Datasheet
54Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
SHD114634 SENSITRON-SHD114634 Datasheet
161Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
SHD115434 SENSITRON-SHD115434 Datasheet
159Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com