1 / 3 page
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web - http://www.sensitron.com • E-Mail - sales@sensitron.com •
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 4172, REV.-
VERY LOW DROP HERMETIC POWER SCHOTTKY RECTIFIER
(SINGLE / DUAL)
DESCRIPTION: A 30 VOLT, 45 AMP, POWER SCHOTTKY RECTIFIER IN A HERMETIC TO-258 PACKAGE.
MAXIMUM RATINGS
ALL RATINGS ARE @ TC = 25 °C UNLESS OTHERWISE SPECIFIED.
RATING
SYMBOL
MAX.
UNITS
PEAK INVERSE VOLTAGE
PIV
30
Volts
MAXIMUM DC OUTPUT CURRENT With Cathode Maintained (@ TC=70
OC)
(Single / Doubler)
IO
45
Amps
MAXIMUM DC OUTPUT CURRENT With Cathode Maintained (@ TC=70
OC)
(Common Cathode / Common Anode)
IO
60
Amps
MAXIMUM NONREPETITIVE FORWARD SURGE CURRENT PER LEG
(t = 8.3ms, Sine)
IFSM
200
Amps
MAXIMUM JUNCTION CAPACITANCE PER LEG
(Vr
=5V)
CT
3300
pF
MAXIMUM THERMAL RESISTANCE PER PACKAGE
RθJC
0.47
°C/W
MAXIMUM OPERATING AND STORAGE TEMPERATURE RANGE
Top/Tstg
-65 to
+ 150
°C
ELECTRICAL CHARACTERISTICS
CHARACTERISTIC
MAXIMUM FORWARD VOLTAGE DROP, Pulsed (If = 45 Amps) PER LEG
TJ = 25
°C
TJ = 100
°C
Vf
0.74
0.63
Volts
MAXIMUM REVERSE CURRENT (Ir @ 30 V PIV)
TJ = 25
°C
TJ = 125
°C
Ir
6
300
mA
SHD124511
SHD124511P
SHD124511N
SHD124511D