6 / 6 page
E39
E39
6
Protective Stainless Steel Tubes
Insert the fiber into the protective armor
tube from the head connector side
(threaded) of the tube.
Push the fiber into the armor tube. The
tube should be straight so that the fiber is
not twisted when inserted. Then turn the
end cap of the tube.
Secure the tube on a suitable place with
the attached nut.
Use the attached saddle to secure the end
cap of the tube. To secure the tube at a
position other than at the end cap, apply
tape to the tube so that the portion
becomes thicker in diameter
Chemical Resistance
Do NOT use a fiber-optic cable and
amplifier in an atmosphere containing
organic solvents such as paint thinner
vapors.
OMRON ELECTRONICS, INC.
OMRON CANADA, INC.
One East Commerce Drive
885 Milner Avenue
Schaumburg, IL 60173
Scarborough, Ontario M1B 5V8
1-800-55-OMRON
416-286-6465
Cat. No. CEDSAX3
10/99
Specifications subject to change without notice.
Printed in the U.S.A.
NOTE: DIMENSIONS ARE SHOWN IN MILLIMETERS. To convert millimeters to inches divide by 25.4.