Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1A1G Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part No. 1A1G
Description  MINIATURE GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER (VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANJIT [Pan Jit International Inc.]
Homepage  http://www.panjit.com.tw
Logo 

1A1G Datasheet(HTML) 1 Page - Pan Jit International Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1A1G THRU 1A7G
MINIATURE GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
VOLTAGE - 50 to 1000 Volts
CURRENT - 1.0 Ampere
FEATURES
l
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound
l
Glass passivated junction version of 1A1G thru 1A7G
in R-1 package
l
1 ampere operation at TA=75 ¢J with no thermal runaway
l
Exceeds environmental standards of MIL-S-19500/228
MECHANICAL DATA
Case: Molded plastic, R-1
Terminals: Axial leads, solderable per MIL-STD-202,
Method 208
Polarity: Color Band denotes cathode
Mounting Position: Any
Weight: 0.0064 ounce, 0.181 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ¢J ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
1A1G 1A2G 1A3G 1A4G 1A5G 1A6G 1A7G
UNITS
Maximum Recurrent Peak Reverse Voltage
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
50
100
200
400
600
800
1000
V
Maximum Forward Voltage at 1.0A
1.1
V
Maximum Average Forward Rectified Current
.375"(9.5mm) lead length at TA=75 ¢J
1.0
A
Peak Forward Surge Current, IFM (surge):8.3ms
single half sine-wave superimposed on rated
load(JEDEC method)
30
A
Maximum Full Load Reverse Current, Full Cycle
Average at TA=75 ¢J
30
£g A
Maximum DC Reverse Current at TA=25 ¢J
At Rated DC Blocking Voltage
TA=100 ¢J
5.0
50
£g A
£g A
Typical Junction capacitance (Note 1)
15
PF
Typical Thermal Resistance R £KJA(Note 2)
50
¢J /W
Operating and Storage Temperature Range
-55 to +150
¢J
NOTES:
1.
Measured at 1 MHz and applied reverse voltage of 4.0 VDC
2.
Thermal Resis6tance Junction to Ambient
* JEDEC Registered Value
R-1


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn