Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SHD120111P Datasheet(PDF) 1 Page - Sensitron

Part No. SHD120111P
Description  HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage Drop
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SENSITRON [Sensitron]
Homepage  http://www.sensitron.com
Logo 

SHD120111P Datasheet(HTML) 1 Page - Sensitron

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
221 WEST INDUSTRY COURT DEER PARK, NY 11729-4681 PHONE (631) 586-7600 FAX (631) 242-9798
World Wide Web - http://www.sensitron.com E-mail Address - sales@sensitron.com
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 4070, REV. -
HERMETIC POWER SCHOTTKY RECTIFIER
Very Low Forward Voltage Drop
DESCRIPTION: A 30 VOLT, 30 AMP, POWER SCHOTTKY RECTIFIER IN A SURFACE MOUNT HERMETIC LCC-5
PACKAGE.
Add a “C” after the SHD for ceramic seals (SHDC120111P)
MAXIMUM RATINGS
ALL RATINGS ARE @ TC = 25 C UNLESS OTHERWISE SPECIFIED.
RATING
SYMBOL
MAX.
UNITS
PEAK INVERSE VOLTAGE
PIV
30
Volts
MAXIMUM DC OUTPUT CURRENT (With 50% duty cylcle and Cathode
Maintained @ TC=80
OC)
IO
30
Amps
MAXIMUM NONREPETITIVE FORWARD SURGE CURRENT (PER LEG)
(t=8.3ms, Sine)
IFSM
140
Amps
MAXIMUM JUNCTION CAPACITANCE (Vr =5V) (PER LEG)
CT
550
pF
MAXIMUM THERMAL RESISTANCE (Junction to Mounting Surface, Cathode)
RqJC
3.5
•C/W
MAXIMUM OPERATING AND STORAGE TEMPERATURE RANGE
Top/Tstg
-55 to
+ 150
•C
ELECTRICAL CHARACTERISTICS
CHARACTERISTIC
SYMBOL
MAX.
UNITS
MAXIMUM FORWARD VOLTAGE DROP, Pulsed (If = 7.5 Amps) (PER LEG)
TJ = 25 •C
TJ = 125 •C
Vf
0.50
0.42
Volts
MAXIMUM FORWARD VOLTAGE DROP, Pulsed (If = 15 Amps) (PER LEG)
TJ = 25 •C
TJ = 125 •C
Vf
0.62
0.56
Volts
MAXIMUM REVERSE CURRENT (Ir @ 30V PIV) (PER LEG)
TJ = 25 •C
TJ = 125 •C
Ir
1.0
50
mA
SHD120111P


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn