Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

15KP Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part No. 15KP
Description  GLASS PASSIVATED JUNCTION TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE- 17 to 220 Volts 15000 Watt Peak Pulse Power)
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANJIT [Pan Jit International Inc.]
Homepage  http://www.panjit.com.tw
Logo 

15KP Datasheet(HTML) 2 Page - Pan Jit International Inc.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PAGE . 2
DAT
E : 02/08/31
R
E
B
M
U
N
T
R
A
P
VM
W
R
VR
BI
@T
I
M
W
R
V
@
R
VP
P
I
@
C
E
G
A
K
C
A
P
.
N
I
M.
X
A
MIT
-
I
N
U-
I
B
VV
V
A
MA
UA
UV
A
R
O
S
S
E
R
P
P
U
S
E
G
A
T
L
O
V
T
N
E
I
S
N
A
R
T
W
0
0
0
5
1
)
C
(
7
1
J
P
K
5
17
19
.
8
19
.
3
20
50
0
0
50
0
0
55
.
0
30
2
50
0
6
-
P
A
)
C
(
7
1
P
K
5
17
19
.
8
17
.
1
20
50
0
0
50
0
0
56
.
7
23
4
50
0
6
-
P
)
C
(
8
1
P
K
5
18
10
.
0
23
.
5
20
50
0
0
50
0
0
52
.
2
39
3
40
0
6
-
P
A
)
C
(
8
1
P
K
5
18
10
.
0
23
.
3
20
50
0
0
50
0
0
52
.
9
25
8
40
0
6
-
P
)
C
(
0
2
P
K
5
10
22
.
2
21
.
8
20
20
0
5
10
0
5
18
.
5
36
9
30
0
6
-
P
A
)
C
(
0
2
P
K
5
10
22
.
2
25
.
5
20
20
0
5
10
0
5
14
.
2
37
3
40
0
6
-
P
)
C
(
2
2
P
K
5
12
24
.
4
29
.
0
30
10
0
90
0
94
.
9
35
6
30
0
6
-
P
A
)
C
(
2
2
P
K
5
12
24
.
4
20
.
8
20
10
0
90
0
95
.
5
34
0
40
0
6
-
P
)
C
(
4
2
P
K
5
14
27
.
6
28
.
3
30
.
50
0
80
0
80
.
3
43
3
30
0
6
-
P
A
)
C
(
4
2
P
K
5
14
27
.
6
27
.
0
30
.
50
0
80
0
89
.
8
39
6
30
0
6
-
P
)
C
(
6
2
P
K
5
16
29
.
8
26
.
6
30
.
50
0
20
0
26
.
6
48
0
30
0
6
-
P
A
)
C
(
6
2
P
K
5
16
29
.
8
22
.
3
30
.
50
0
20
0
21
.
2
41
4
30
0
6
-
P
)
C
(
8
2
P
K
5
18
21
.
1
34
.
9
30
.
55
2
15
2
10
.
0
56
8
20
0
6
-
P
A
)
C
(
8
2
P
K
5
18
21
.
1
38
.
5
30
.
55
2
15
2
14
.
5
46
1
30
0
6
-
P
)
C
(
0
3
P
K
5
10
33
.
3
32
.
2
40
.
58
28
25
.
3
57
6
20
0
6
-
P
A
)
C
(
0
3
P
K
5
10
33
.
3
33
.
8
30
.
58
28
24
.
8
46
9
20
0
6
-
P
)
C
(
3
3
P
K
5
13
37
.
6
35
.
6
40
.
50
10
10
.
9
58
4
20
0
6
-
P
A
)
C
(
3
3
P
K
5
13
37
.
6
32
.
2
40
.
50
10
13
.
3
54
7
20
0
6
-
P
)
C
(
6
3
P
K
5
16
30
.
0
47
.
0
50
.
50
10
13
.
4
67
2
20
0
6
-
P
A
)
C
(
6
3
P
K
5
16
30
.
0
40
.
6
40
.
50
10
11
.
8
51
5
20
0
6
-
P
)
C
(
0
4
P
K
5
10
44
.
4
43
.
6
50
.
50
10
14
.
1
76
0
20
0
6
-
P
A
)
C
(
0
4
P
K
5
10
44
.
4
41
.
1
50
.
50
10
15
.
4
68
2
20
0
6
-
P
)
C
(
3
4
P
K
5
13
48
.
7
45
.
0
60
.
50
10
17
.
6
75
9
10
0
6
-
P
A
)
C
(
3
4
P
K
5
13
48
.
7
49
.
4
50
.
50
10
14
.
9
65
1
20
0
6
-
P
)
C
(
5
4
P
K
5
15
40
.
0
53
.
3
60
.
50
10
13
.
0
86
8
10
0
6
-
P
A
)
C
(
5
4
P
K
5
15
40
.
0
55
.
7
50
.
50
10
17
.
2
75
0
20
0
6
-
P
)
C
(
8
4
P
K
5
18
43
.
3
55
.
7
60
.
50
10
15
.
5
85
7
10
0
6
-
P
A
)
C
(
8
4
P
K
5
18
43
.
3
53
.
1
60
.
50
10
14
.
7
73
9
10
0
6
-
P
)
C
(
1
5
P
K
5
11
57
.
6
58
.
1
70
.
50
10
11
.
1
94
6
10
0
6
-
P
A
)
C
(
1
5
P
K
5
11
57
.
6
52
.
5
60
.
50
10
14
.
2
81
8
10
0
6
-
P
)
C
(
4
5
P
K
5
14
50
.
0
60
.
6
70
.
50
10
13
.
6
95
5
10
0
6
-
P
A
)
C
(
4
5
P
K
5
14
50
.
0
60
.
9
60
.
50
10
11
.
7
81
7
10
0
6
-
P
)
C
(
8
5
P
K
5
18
54
.
4
66
.
1
80
.
50
10
13
0
14
4
10
0
6
-
P
A
)
C
(
8
5
P
K
5
18
54
.
4
61
.
4
70
.
50
10
16
.
3
90
6
10
0
6
-
P
)
C
(
0
6
P
K
5
10
67
.
6
65
.
4
80
.
50
10
17
0
10
4
10
0
6
-
P
A
)
C
(
0
6
P
K
5
10
67
.
6
67
.
6
70
.
50
10
18
.
6
94
5
10
0
6
-
P


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
15KWGLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-17 TO 280 Volts 15000 Watt Peak Pulse Power 1 2 Leshan Radio Company
3KP5.0GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 Watt Peak Power VOLTAGE - 5.0 to 220 Volts 1 2 3 4 Formosa MS
3KPGLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 180 Volts 3000 watt Peak Pulse Power 1 2 3 DB Lectro Inc
3KPGLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power 1 2 3 4 5 MorePan Jit International Inc.
1.5KEGLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 TO 440 Volts 1500 watt Peak Power / 6.5 Watt Steady State 1 2 3 DB Lectro Inc
5KPGLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 TO 180 Volts 5000Watts Peak Pulse Power 1 2 3 DB Lectro Inc
SA50GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power 1 2 3 4 5 MorePan Jit International Inc.
1N6373GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STANDOFF VOLTAGE- 5.0 to 45.0V 1500 Watt Peak Power 1 2 List of Unclassifed Manufacturers
15SMCJSURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 220 Volts 1500 Watt Peak Power Pulse 1 2 3 4 Pan Jit International Inc.
P4KEGLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State 1 2 3 4 5 MorePan Jit International Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn