Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FXT649 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part No. FXT649
Description  NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZETEX [Zetex Semiconductors]
Homepage  http://www.diodes.com/
Logo 

FXT649 Datasheet(HTML) 1 Page - Zetex Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NPN SILICON PLANAR
MEDIUM POWER TRANSISTOR
ISSUE 1 – FEB 94
FEATURES
* 25 Volt VCEO
* 2 Amps continuous current
* Low saturation voltage
*Ptot= 1 Watt
APPLICATIONS
* Motor driver
REFER TO ZTX649 FOR GRAPHS
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
35
V
Collector-Emitter Voltage
VCEO
25
V
Emitter-Base Voltage
VEBO
5V
Peak Pulse Current
ICM
6A
Continuous Collector Current
IC
2A
Power Dissipation at Tamb=25°C
Ptot
1W
Operating and Storage Temperature Range
Tj:Tstg
-55 to +200
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Collector-Base
Breakdown Voltage
V(BR)CBO
35
V
IC=100µA, IE=0
Collector-Emitter
Breakdown Voltage
V(BR)CEO
25
V
IC=10mA, IB=0*
Emitter-Base
Breakdown Voltage
V(BR)EBO
5V
IE=100µA, IC=0
Collector Cut-Off
Current
ICBO
0.1
10
µ
A
µ
A
VCB=30V, IE=0
VCB=30V,Tamb=100°C
Emitter Cut-Off Current IEBO
0.1
µ
A
VEB=4V, IC=0
Collector-Emitter
Saturation Voltage
VCE(sat)
0.12
0.23
0.3
0.5
V
V
IC=1A, IB=100mA*
IC=2A, IB=200mA*
Base-Emitter
Saturation Voltage
VBE(sat)
0.9
1.25
V
IC=1A, IB=100mA*
Base-Emitter
Turn-On Voltage
VBE(on)
0.8
1
V
IC=1A, VCE=2V*
Static Forward Current
Transfer Ratio
hFE
70
100
75
15
200
200
150
50
300
IC=50mA, VCE=2V*
IC=1A, VCE=2V*
IC=2A, VCE=2V*
IC=6A, VCE=2V*
Transition Frequency
fT
150
MHz
IC=100mA, VCE=5V
f=100MHz
Output Capacitance
Cobo
50
pF
VCB=10V, f=1MHz
*Measured under pulsed conditions. Pulse Width=300µs. Duty cycle ≤2%
E-Line
TO92 Compatible
FXT649
3-46
B
C
E


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn