Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XP8081 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # XP8081
Description  Silicon N-channel junction FET (Tr1) Silicon NPN epitaxial planer transistor (Tr2)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

XP8081 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  XP8081 Datasheet HTML 1Page - Panasonic Semiconductor XP8081 Datasheet HTML 2Page - Panasonic Semiconductor XP8081 Datasheet HTML 3Page - Panasonic Semiconductor XP8081 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Composite Transistors
XP8081
Silicon N-channel junction FET (Tr1)
Silicon NPN epitaxial planer transistor (Tr2)
For analog switching (Tr1)/switching (Tr2)
s Features
q
Two elements incorporated into one package.
q
Reduction of the mounting area and assembly cost by one half.
s Basic Part Number of Element
q
2SK1103+UN1213 (transistors with built-in resistor)
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Marking Symbol:
9Z
Internal Connection
Parameter
Symbol
Ratings
Unit
Gate to drain voltage
VGDS
–50
V
Drain current
ID
20
mA
Gate current
IG
10
mA
Collector to base voltage
VCBO
50
V
Collector to emitter voltage
VCEO
50
V
Collector current
IC
100
mA
Total power dissipation
PT
150
mW
Junction temperature
Tj
150
˚C
Storage temperature
Tstg
–55 to +150
˚C
Tr1
Overall
Tr2
1 : Drain (Tr1)
4 : Emitter (Tr2)
2 : Source (Tr1)
5 : Base (Tr2)
3 : Collector (Tr2) 6 : Gate (Tr1)
EIAJ : SC–88
S–Mini Type Package (6–pin)
2.1
±0.1
1.25
±0.1
0.425
0.425
1
2
3
6
5
4
0.2
±0.1
1
Tr2
Tr1
2
34
6
5


Similar Part No. - XP8081

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XP88C61140 EXAR-XP88C61140 Datasheet
2Mb / 101P
   Two Full Duplex, Independent Channels
XP88C6828 EXAR-XP88C6828 Datasheet
2Mb / 101P
   Two Full Duplex, Independent Channels
More results

Similar Description - XP8081

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
XN01601 PANASONIC-XN01601 Datasheet
118Kb / 6P
   Silicon PNP epitaxial planer transistor (Tr1) Silicon NPN epitaxial planer transistor (Tr2)
logo
Leshan Radio Company
L4601DW1T1 LRC-L4601DW1T1 Datasheet
158Kb / 3P
   Silicon NPN Epitaxial Planer Transistor(Tr1), Silicon PNP Epitaxial Planer Transistor(Tr2)
logo
Panasonic Semiconductor
XP05601 PANASONIC-XP05601 Datasheet
64Kb / 5P
   Silicon PNP epitaxial planer transistor (Tr1), Silicon NPN epitaxial planer transistor (Tr2)
XN04322 PANASONIC-XN04322 Datasheet
115Kb / 5P
   Composite Transistors Silicon NPN epitaxial planer transistor (Tr1) Silicon PNP epitaxial planer transistor (Tr2)
UP03397 PANASONIC-UP03397 Datasheet
122Kb / 5P
   Silicon NPN epitaxial planar type (Tr1, Tr2)
XN0C301 PANASONIC-XN0C301 Datasheet
85Kb / 6P
   Silicon PNP epitaxial planer transistor (Tr1)
UP03312 PANASONIC-UP03312 Datasheet
127Kb / 5P
   Silicon NPN epitaxial planar type (Tr1), Silicon PNP epitaxial planar type (Tr2)
XP03312 PANASONIC-XP03312_13 Datasheet
256Kb / 6P
   Silicon NPN epitaxial planar type Tr1 Silicon PNP epitaxial planar type Tr2
NP043A2 PANASONIC-NP043A2 Datasheet
109Kb / 4P
   Silicon NPN epitaxial planar type (Tr1) Silicon PNP epitaxial planar type (Tr2)
DMG964010R PANASONIC-DMG964010R Datasheet
400Kb / 6P
   Silicon NPN epitaxial planar type (Tr1) Silicon PNP epitaxial planar type (Tr2)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com