Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHD119434P Datasheet(PDF) 2 Page - Sensitron

Part # SHD119434P
Description  HERMETIC POWER SCHOTTKY RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD119434P Datasheet(HTML) 2 Page - Sensitron

  SHD119434P Datasheet HTML 1Page - Sensitron SHD119434P Datasheet HTML 2Page - Sensitron SHD119434P Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SENSITRON
SHD119434
SHD119434P
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 4625, REV. -
MECHANICAL DIMENSIONS: IN Inches / mm
SINGLE
COMMON CATHODE
1
2
3
2
1
3
221 WEST INDUSTRY COURT
• DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798
• World Wide Web - http://www.sensitron.com • E-Mail - sales@sensitron.com •
PINOUT TABLE
DEVICE TYPE
PIN 1
PIN 2
PIN 3
SINGLE RECTIFIER
CATHODE
ANODE
ANODE
COMMON CATHODE
COMMON CATHODE
ANODE 1
ANODE 2
.145
(3.68)
.450 (11.43)
.140 (3.56)Typ.
.035 (.89) Min.
.050 (1.27)
.375
(9.53)
.037
(.94)
.625
(15.88)
.415
(10.54)
.157 (3.99)
.030 (.76) Min.
1
2
3
LCC-3P
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Forward Voltage Drop - V
F (V)
10
-2
10
-1
10
0
10
1
10
2
Typical Forward Characteristics
125 °C
200 °C
175 °C
25 °C
0
20
40
60
80
100
120
Reverse Voltage - V
R (V)
10
-4
10
-3
10
-2
10
-1
10
0
10
1
Typical Reverse Characteristics
25 °C
50 °C
75 °C
100 °C
125 °C
150 °C
200 °C
175 °C
0
20406080
100
120
Reverse Voltage - V
R (V)
100
200
300
400
500
600
700
800
900
Typical Junction Capacitance


Similar Part No. - SHD119434P

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD119434P SENSITRON-SHD119434P Datasheet
49Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
More results

Similar Description - SHD119434P

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD118444 SENSITRON-SHD118444 Datasheet
93Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD119236 SENSITRON-SHD119236 Datasheet
78Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD119612 SENSITRON-SHD119612 Datasheet
75Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD130513 SENSITRON-SHD130513 Datasheet
51Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD120234 SENSITRON-SHD120234 Datasheet
83Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD124446 SENSITRON-SHD124446 Datasheet
85Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD125136 SENSITRON-SHD125136 Datasheet
90Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD125612 SENSITRON-SHD125612 Datasheet
77Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD126411 SENSITRON-SHD126411 Datasheet
55Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD116268 SENSITRON-SHD116268 Datasheet
156Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com