Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHD118434PA Datasheet(PDF) 2 Page - Sensitron

Part # SHD118434PA
Description  ULTRA LOW REVERSE LEAKAGE POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD118434PA Datasheet(HTML) 2 Page - Sensitron

  SHD118434PA Datasheet HTML 1Page - Sensitron SHD118434PA Datasheet HTML 2Page - Sensitron SHD118434PA Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
221 WEST INDUSTRY COURT DEER PARK, NY 11729-4681 PHONE (631) 586-7600 FAX (631) 242-9798
World Wide Web - http://www.sensitron.com E-mail Address - sales@sensitron.com
SENSITRON
DATA SHEET 1082, REV. PRELIMINARY
MECHANICAL DIMENSIONS: In Inches / mm
1
2
3
COMMON CATHODE
PINOUT TABLE
DEVICE TYPE
PIN 1
PIN 2
PIN 3
DUAL RECTIFIER, COMMON CATHODE (P)
COMMON CATHODE
ANODE
ANODE
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Forward Voltage Drop - VF (V)
10-2
10-1
100
101
102
Typical Forward Characteristics
125 °C
200 °C
175 °C
25 °C
0
20
40
60
80
100
120
Reverse Voltage - VR (V)
10-4
10-3
10-2
10-1
100
101
Typical Reverse Characteristics
25 °C
50 °C
75 °C
100 °C
125 °C
150 °C
200 °C
175 °C
0
20
40
60
80
100
120
Reverse Voltage - VR (V)
100
200
300
400
500
600
700
800
900
Typical Junction Capacitance
SHD118434
SHD118434PA
SHD118434PB
2
3
.370±.010
(9.40±.254)
.610±.010
(15.5±.254)
.125±.010
(3.17±.254)
.110 (2.79) Max
Alumina Ring
.510±.020
(12.9±.508)
.320±.010
(8.13±.254)
.030±.010
(.762±.254)
Moly Lid
Moly Base
Terminal 1
.060±.010
(1.52±.254)
.020±.002
(.508±.051)
.020±.005 R
(.508±.127 )
2
3
.370±.010
(9.40±.254)
.610±.010
(15.5±.254)
.090±.010
(2.29±.254)
.130 (3.30) Max
Alumina Ring
.520±.020
(13.2±.508)
.320±.010
(8.13 ±.254)
.030±.010
(.762±.254)
Moly Lid
Moly Base
Terminal 1
.060±.010
(1.52±.254)
.015±.002
(.381±.051)
.020±.005 R
(.508±.127 )
Copper Terminals
.370±.010
(9.40±.254)
2
3
.610±.010
(15.5±.254)
.030±.010
(.762±.254)
.110 (2.80) Max
Alumina Ring
Terminal 1
SHD-5
SHD-5A
SHD-5B


Similar Part No. - SHD118434PA

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD118436 SENSITRON-SHD118436 Datasheet
94Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD118436 SENSITRON-SHD118436 Datasheet
58Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD118436A SENSITRON-SHD118436A Datasheet
94Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD118436A SENSITRON-SHD118436A Datasheet
58Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD118436B SENSITRON-SHD118436B Datasheet
94Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Low Forward Voltage Drop
More results

Similar Description - SHD118434PA

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD124536 SENSITRON-SHD124536_08 Datasheet
50Kb / 3P
   ULTRA LOW REVERSE LEAKAGE POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD124535 SENSITRON-SHD124535_11 Datasheet
69Kb / 2P
   ULTRA LOW REVERSE LEAKAGE POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD126036 SENSITRON-SHD126036_08 Datasheet
58Kb / 3P
   ULTRA LOW REVERSE LEAKAGE POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD116136 SENSITRON-SHD116136_10 Datasheet
43Kb / 3P
   ULTRA LOW REVERSE LEAKAGE POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD116036 SENSITRON-SHD116036 Datasheet
157Kb / 3P
   ULTRA LOW REVERSE LEAKAGE POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD116136 SENSITRON-SHD116136 Datasheet
157Kb / 3P
   ULTRA LOW REVERSE LEAKAGE POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD116036 SENSITRON-SHD116036_10 Datasheet
42Kb / 3P
   ULTRA LOW REVERSE LEAKAGE POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD125236_0609 SENSITRON-SHD125236_0609 Datasheet
52Kb / 3P
   ULTRA LOW REVERSE LEAKAGE POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD116034 SENSITRON-SHD116034 Datasheet
157Kb / 3P
   ULTRA LOW REVERSE LEAKAGE POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD116134 SENSITRON-SHD116134 Datasheet
157Kb / 3P
   ULTRA LOW REVERSE LEAKAGE POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com