Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3L301DK Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3L301DK
Description  3.3V, 16-Bit to 8-Bit, Mux/DeMux Gigabit Ethernet LAN Switch with Single Enable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3L301DK Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3L301DK Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3L301DK Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3L301DK Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3L301DK Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3L301DK Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3L301DK Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3L301DK Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3L301DK Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3L301DK Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
PS8665B
07/22/03
PI3L301D
3.3V, 16-Bit to 8-Bit, Mux/DeMux
Gigabit Ethernet LAN Switch with Single Enable
DC Electrical Characteristics for 10/100 Base-T Ethernet Switching over Operating Range
(TA = –40°C to +85°C, VCC = 3.3V ±10%)
Paramenter
Description
Test Conditions
Min. Typ.(2) Max. Units
VIH
Input HIGH Voltage
Guaranteed HIGH level
2.0
-
-
V
VIL
Input LOW Voltage
Guaranteed LOW level
–0.5
-
0.8
VIK
Clamp Diode Voltage
VCC = Max., IIN = –18mA
-
–0.7
–1.2
IIH
Input HIGH Current
VCC = Max., VIN = VCC
-
-
±5
µA
IIL
Input LOW Current
VCC = Max., VIN = GND
-
-
±5
IOFF
Power Down Leakage Current
VCC = 0V, VA = 0V, VB ≤ 3.6
-
-
±5
RON
Switch On-Resistance(3)
VCC = Min., 1.25V ≤ VIN ≤ VCC,
IIN = –10mA to –30mA
-
-
8
RFLAT(ON)
On-Resistance Flatness(4)
VCC = Min., VIN @ 1.25V and VCC,
IIN = –10mA to –30mA
-
1.0
-
∆RON
On-Resistance match from center ports
to any other port(4)
VCC = Min., 1.25V ≤ VIN ≤ VCC,
IIN = –10mA to –30mA
-
0.9
2.0
DC Electrical Characteristics for 1000 Base-T Ethernet Switching over Operating Range
(TA = –40°C to +85°C, VCC = 3.3V ±10%)
Paramenter
Description
Test Conditions
Min. Typ.(2) Max. Units
VIH
Input HIGH Voltage
Guaranteed HIGH level
2
-
-
V
VIL
Input LOW Voltage
Guaranteed LOW level
–0.5
-
0.8
VIK
Clamp Diode Voltage
VCC = Max., IIN = –18mA
-
–0.7
–1.2
IIH
Input HIGH Current
VCC = Max., VIN = VCC
-
-
±5
µA
IIL
Input LOW Current
VCC = Max., VIN = GND
-
-
±5
IOFF
Power Down Leakage Current
VCC = 0V, VA = 0V, VB ≤ 3.6
-
-
±5
RON
Switch On-Resistance(3)
VCC = Min., 1.5V ≤ VIN ≤ VCC,
IIN = –40mA
-
4
8
RFLAT(ON)
On-Resistance Flatness(4)
VCC = Min., VIN @ 1.5V and VCC,
IIN = –40mA
-
1
-
∆RON
On-Resistance match from center
ports to any other port(4)
VCC = Min., 1.5V ≤ VIN ≤ VCC,
IIN = –40mA
-
0.9
2


Similar Part No. - PI3L301DK

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3L301DAE PERICOM-PI3L301DAE Datasheet
511Kb / 8P
   3.3V, 16-Bit to 8-Bit, Mux/DeMux Gigabit Ethernet LAN Switch with Single Enable
PI3L301D PERICOM-PI3L301D_13 Datasheet
511Kb / 8P
   3.3V, 16-Bit to 8-Bit, Mux/DeMux Gigabit Ethernet LAN Switch with Single Enable
More results

Similar Description - PI3L301DK

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3L301D PERICOM-PI3L301D_13 Datasheet
511Kb / 8P
   3.3V, 16-Bit to 8-Bit, Mux/DeMux Gigabit Ethernet LAN Switch with Single Enable
PI3L500 PERICOM-PI3L500 Datasheet
455Kb / 7P
   3.3V, 8-Channel, 2:1 Mux/DeMux Gigabit Ethernet LAN Switch with Single Enable
logo
STMicroelectronics
STMUX1800E STMICROELECTRONICS-STMUX1800E Datasheet
322Kb / 26P
   16-bit to 8-bit MUX/DEMUX for gigabit Ethernet LAN switch with LED switch and enhanced ESD protection
November 2011 Rev 3
STMUX1800L STMICROELECTRONICS-STMUX1800L Datasheet
509Kb / 21P
   16- to 8-bit MUX/DEMUX for gigabit Ethernet LAN switch with LED switch and enhanced ESD protection
June 2009 Rev 4
logo
Pericom Semiconductor C...
PI3L500-A PERICOM-PI3L500-A_10 Datasheet
466Kb / 7P
   3.3V, 8-Channel, 2:1 Mux/DeMux Gigabit Ethernet LAN Switch with Single Enable and Enhanced ESD Protection
PI3L500-A PERICOM-PI3L500-A Datasheet
433Kb / 7P
   3.3V, 8-Channel, 2:1 Mux/DeMux Gigabit Ethernet LAN Switch with Single Enable and Enhanced ESD Protection
PI3L110 PERICOM-PI3L110 Datasheet
396Kb / 6P
   3.3V Quad, 2:1 Mux/DeMux Fast Ethernet LAN Switch w/ Single Enable
PI3L110LEX PERICOM-PI3L110LEX Datasheet
365Kb / 6P
   3.3V Quad, 2:1 Mux/DeMux Fast Ethernet LAN Switch w/ Single Enable
PI3L110 PERICOM-PI3L110_14 Datasheet
639Kb / 7P
   3.3V Quad, 2:1 Mux/DeMux Fast Ethernet LAN Switch w/ Single Enable
PI3L510 PERICOM-PI3L510 Datasheet
392Kb / 6P
   3.3V, 4-Channel, 2:1, Mux/DeMux Fast Ethernet LAN Switch w/ Single Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com