Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3L301DK Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3L301DK
Description  3.3V, 16-Bit to 8-Bit, Mux/DeMux Gigabit Ethernet LAN Switch with Single Enable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3L301DK Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3L301DK Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3L301DK Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3L301DK Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3L301DK Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3L301DK Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3L301DK Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3L301DK Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3L301DK Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3L301DK Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
PS8665B
07/22/03
Features
• RON is 4Ω typical
• Low bit-to-bit skew: 200ps
• Low crosstalk: –27dB @ 250MHz
• Low Current Consumption: 20µA
• Near-Zero propagation delay: 250ps
• Switching speed: 9ns
• Channel On-Capacitance: 9.5pF (typical)
• VCC Operating Range: +3.0V to +3.6V
• ESD >2000V . . . Human Body Model
• >350 MHz bandwidth (or data frequency)
• Packaging (Pb-free & Green available):
48-pin 240 mil wide plastic TSSOP (A)
48-pin 173 mil wide plastic TVSOP (K)
Applications
• Dual Physical Layer Device sharing to one interface
connector
• SONET OC-12(622Mbps) signal routing
• Routes physical layer signals for 10/100/1000 Mbit Ethernet
Description
PericomSemiconductor’s PI3Lseriesof logiccircuitsareproduced
using the Company’s advanced sub-micron CMOS technology,
achieving industry leading performance.
The PI3L301D is a 16- to 8-bit multiplexer/demultiplexer LAN
Switch. Industry leading advantages include a propagation delay
of less than 250ps, resulting from its low channel resistance and
I/O capacitance. The device multiplexes differential outputs
from a Gigabit Ethernet transceiver (PHY) device to one of two
corresponding B1 or B2 outputs. The switch is bidirectional and
offerslittleornoattenuationofthehigh-speedsignalsattheoutputs.
It is designed for low bit-to-bit skew, high channel-to-channel noise
isolation and is compatible with various standards, such as 10/100/
1000 Base-T (Ethernet).
Generally, this part can be used to replace mechanical relays in
low-voltage LAN applications that interface a physical layer over
CAT 5 or CAT 6 unshielded twisted pair cable through an isolation
transformer.
Pin Description
PI3L301D
3.3V, 16-Bit to 8-Bit, Mux/DeMux
Gigabit Ethernet LAN Switch with Single Enable
Block Diagram
SEL
A7
A6
A5
A4
A3
A2
A1
A0
1B
1
0B1
1B2
0B2
3B1
2B1
3B2
2B2
5B1
4B1
5B2
4B2
7B1
6B1
7B2
6B2
1
0B1
1B1
GND
0B2
1B2
GND
2B1
3B1
GND
2B2
3B2
GND
VDD
4B1
5B1
GND
4B2
5B2
GND
6B1
7B1
GND
6B2
7B2
VDD
A0
GND
A1
GND
VDD
GND
A2
GND
A3
GND
VDD
GND
NC
A4
GND
A5
GND
VDD
GND
A6
GND
A7
SEL
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
38
37
36
35
34
48
47
46
45
44
43
33
32
31
30
42
41
40
39
20
21
22
23
24
29
28
27
26
25


Similar Part No. - PI3L301DK

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3L301DAE PERICOM-PI3L301DAE Datasheet
511Kb / 8P
   3.3V, 16-Bit to 8-Bit, Mux/DeMux Gigabit Ethernet LAN Switch with Single Enable
PI3L301D PERICOM-PI3L301D_13 Datasheet
511Kb / 8P
   3.3V, 16-Bit to 8-Bit, Mux/DeMux Gigabit Ethernet LAN Switch with Single Enable
More results

Similar Description - PI3L301DK

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3L301D PERICOM-PI3L301D_13 Datasheet
511Kb / 8P
   3.3V, 16-Bit to 8-Bit, Mux/DeMux Gigabit Ethernet LAN Switch with Single Enable
PI3L500 PERICOM-PI3L500 Datasheet
455Kb / 7P
   3.3V, 8-Channel, 2:1 Mux/DeMux Gigabit Ethernet LAN Switch with Single Enable
logo
STMicroelectronics
STMUX1800E STMICROELECTRONICS-STMUX1800E Datasheet
322Kb / 26P
   16-bit to 8-bit MUX/DEMUX for gigabit Ethernet LAN switch with LED switch and enhanced ESD protection
November 2011 Rev 3
STMUX1800L STMICROELECTRONICS-STMUX1800L Datasheet
509Kb / 21P
   16- to 8-bit MUX/DEMUX for gigabit Ethernet LAN switch with LED switch and enhanced ESD protection
June 2009 Rev 4
logo
Pericom Semiconductor C...
PI3L500-A PERICOM-PI3L500-A_10 Datasheet
466Kb / 7P
   3.3V, 8-Channel, 2:1 Mux/DeMux Gigabit Ethernet LAN Switch with Single Enable and Enhanced ESD Protection
PI3L500-A PERICOM-PI3L500-A Datasheet
433Kb / 7P
   3.3V, 8-Channel, 2:1 Mux/DeMux Gigabit Ethernet LAN Switch with Single Enable and Enhanced ESD Protection
PI3L110 PERICOM-PI3L110 Datasheet
396Kb / 6P
   3.3V Quad, 2:1 Mux/DeMux Fast Ethernet LAN Switch w/ Single Enable
PI3L110LEX PERICOM-PI3L110LEX Datasheet
365Kb / 6P
   3.3V Quad, 2:1 Mux/DeMux Fast Ethernet LAN Switch w/ Single Enable
PI3L110 PERICOM-PI3L110_14 Datasheet
639Kb / 7P
   3.3V Quad, 2:1 Mux/DeMux Fast Ethernet LAN Switch w/ Single Enable
PI3L510 PERICOM-PI3L510 Datasheet
392Kb / 6P
   3.3V, 4-Channel, 2:1, Mux/DeMux Fast Ethernet LAN Switch w/ Single Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com