Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA13H8891MB-101 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # RA13H8891MB-101
Description  RoHS Compliance , 880-915MHz 13W 12.5V, 3 Stage Amp. For MOBILE RADIO
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA13H8891MB-101 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  RA13H8891MB-101 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA13H8891MB-101 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA13H8891MB-101 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA13H8891MB-101 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA13H8891MB-101 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA13H8891MB-101 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA13H8891MB-101 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA13H8891MB-101 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MITSUBISHI RF POWER MODULE
RoHS COMPLIANCE
RA13H8891MB
RA13H8891MB
MITSUBISHI ELECTRIC
24 Jan 2006
4/8
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
TYPICAL PERFORMANCE (Tcase=+25°C, ZG=ZL=50Ω, unless otherwise specified)
OUTPUT POWER and DRAIN CURRENT
versus DRAIN VOLTAGE
OUTPUT POWER and DRAIN CURRENT
OUTPUT POWER and DRAIN CURRENT
versus GATE VOLTAGE
versus GATE VOLTAGE
OUTPUT POWER and DRAIN CURRENT
versus GATE VOLTAGE
0
5
10
15
20
25
30
33.5
44.5
55.5
6
GATE VOLTAGE VGG(V)
0
1
2
3
4
5
6
Pout
f=880MHz,
VDD=12.5V,
Pin=1mW
IDD
0
5
10
15
20
25
30
35
40
3579
11
13
15
DRAIN VOLTAGE VDD(V)
0
1
2
3
4
5
6
7
8
Pout
f=915MHz,
VGG=5V,
Pin=1mW
IDD
0
5
10
15
20
25
30
33.5
4
4.5
55.5
6
GATE VOLTAGE VGG(V)
0
1
2
3
4
5
6
Pout
f=900MHz,
VDD=12.5V,
Pin=1mW
IDD
0
5
10
15
20
25
30
33.5
44.5
55.5
6
GATE VOLTAGE VGG(V)
0
1
2
3
4
5
6
Pout
f=915MHz,
VDD=12.5V,
Pin=1mW
IDD


Similar Part No. - RA13H8891MB-101

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA13H8891MB-101 MITSUBISHI-RA13H8891MB-101 Datasheet
99Kb / 9P
   880-915MHz 13W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA13H8891MB-101 MITSUBISHI-RA13H8891MB-101 Datasheet
179Kb / 9P
   RoHS Compliance, 880-915MHz 13W 12.5V, 3 Stage Amp. For MOBILE RADIO
More results

Similar Description - RA13H8891MB-101

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA13H8891MB MITSUBISHI-RA13H8891MB_11 Datasheet
179Kb / 9P
   RoHS Compliance, 880-915MHz 13W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA13H8891MB MITSUBISHI-RA13H8891MB_10 Datasheet
99Kb / 9P
   880-915MHz 13W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA13H8891MA MITSUBISHI-RA13H8891MA_11 Datasheet
181Kb / 9P
   RoHS Compliance , 889-915MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H8891MA MITSUBISHI-RA13H8891MA_10 Datasheet
93Kb / 9P
   889-915MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H4452M MITSUBISHI-RA13H4452M_06 Datasheet
214Kb / 8P
   RoHS Compliance , 440-520MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H4452M MITSUBISHI-RA13H4452M_11 Datasheet
174Kb / 9P
   RoHS Compliance , 440-520MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H4047M MITSUBISHI-RA13H4047M_11 Datasheet
175Kb / 9P
   RoHS Compliance , 400-470MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H3340M MITSUBISHI-RA13H3340M_11 Datasheet
174Kb / 9P
   RoHS Compliance ,330-400MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H8891MA MITSUBISHI-RA13H8891MA Datasheet
234Kb / 8P
   889-915MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H1317M MITSUBISHI-RA13H1317M_06 Datasheet
238Kb / 8P
   RoHS Compliance , 135-175MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com