Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MRF286 Datasheet(PDF) 7 Page - Motorola, Inc

Part No. MRF286
Description  The RF Sub-Micron MOSFET Line RF Power Field Effect Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF286 Datasheet(HTML) 7 Page - Motorola, Inc

  MRF286 Datasheet HTML 1Page - Motorola, Inc MRF286 Datasheet HTML 2Page - Motorola, Inc MRF286 Datasheet HTML 3Page - Motorola, Inc MRF286 Datasheet HTML 4Page - Motorola, Inc MRF286 Datasheet HTML 5Page - Motorola, Inc MRF286 Datasheet HTML 6Page - Motorola, Inc MRF286 Datasheet HTML 7Page - Motorola, Inc MRF286 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
MRF286 MRF286S
MOTOROLA RF DEVICE DATA
PACKAGE DIMENSIONS
CASE 465–04
ISSUE D
(MRF286)
–A–
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. 465–01, –02 AND –03 OBSOLETE, NEW
STANDARD 465–04.
4. DIMENSION H IS MEASURED 0.030” AWAY FROM
FLANGE.
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
1.335
1.345
33.91
34.16
B
0.380
0.390
9.65
9.91
C
0.125
0.170
3.18
4.32
D
0.495
0.505
12.57
12.83
E
0.035
0.045
0.89
1.14
F
0.003
0.006
0.08
0.15
G
1.100 BSC
27.94 BSC
H
0.055
0.065
1.40
1.65
K
0.170
0.210
4.32
5.33
N
0.772
0.788
19.60
20.00
Q
0.118
0.138
3.00
3.51
R
0.365
0.375
9.27
9.53
STYLE 1:
PIN 1. DRAIN
2. GATE
3. SOURCE
–B–
1
3
SEATING
PLANE
2
–T–
D
G
K
N
M
A
M
0.38 (0.015)
B M
T
M
A
M
0.25 (0.010)
B M
T
C
E
H
Q 2 PL
M
A
M
0.38 (0.015)
B M
T
R
F
CASE 465A–04
ISSUE D
(MRF286S)
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION H IS MEASURED 0.030” AWAY FROM
FLANGE.
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.805
0.815
20.45
20.70
B
0.380
0.390
9.65
9.91
C
0.125
0.170
3.18
4.32
D
0.495
0.505
12.57
12.83
E
0.035
0.045
0.89
1.14
F
0.003
0.006
0.08
0.15
H
0.055
0.065
1.40
1.65
K
0.170
0.210
4.32
5.33
N
0.775
0.785
19.69
19.94
R
0.365
0.375
9.27
9.53
STYLE 1:
PIN 1. DRAIN
2. GATE
4. SOURCE
–A–
–B–
1
SEATING
PLANE
2
–T–
D
K
N
M
A
M
0.64 (0.025)
B M
T
C
E
H
M
A
M
0.38 (0.015)
B M
T
R
F
3
U
RADIUS
4 PL
S
RADIUS
4 PL
S
0.020 REF
0.51 REF
U
0.030 REF
0.76 REF


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MRF9030MR1 The RF Sub-Micron MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF9030MR1 The RF Sub-Micron MOSFET Line RF POWER FIELD EFFECT TRANSISTORS N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Freescale Semiconductor, Inc
MRF9060MR1 The RF Sub-micron MOSFET Line RF POWER FIELD EFFECT TRANSISTORS N-channel Enhancement-mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF9030LR1 The RF Sub-Micron MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF21120 The RF Sub-Micron MOSFET Line RF Power Field Effect Trasistor N-Channel Enhancement-Mode Lateral MOSFET 1  2  3  4  5  More Motorola, Inc
MRF18030BR3 THE RF MOSFET LINE RF POWER FIELD EFFECT TRANSISTORS N - CHANNEL ENHANCEMENT - MODE LATERAL MOSFETS 1  2  3  4  5  More Motorola, Inc
MRF19030LR3 The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF5S19100HR3 The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF18085A The RF MOSFET Line RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF1517T1 The RF MOSFET Line RF POWER FIELD EFFECT TRANSISTOR N-CHANNEL ENHANCEMENT-MODE LATERAL MOSFETS 1  2  3  4  5  More Motorola, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn