Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MRF286 Datasheet(PDF) 5 Page - Motorola, Inc

Part No. MRF286
Description  The RF Sub-Micron MOSFET Line RF Power Field Effect Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF286 Datasheet(HTML) 5 Page - Motorola, Inc

  MRF286 Datasheet HTML 1Page - Motorola, Inc MRF286 Datasheet HTML 2Page - Motorola, Inc MRF286 Datasheet HTML 3Page - Motorola, Inc MRF286 Datasheet HTML 4Page - Motorola, Inc MRF286 Datasheet HTML 5Page - Motorola, Inc MRF286 Datasheet HTML 6Page - Motorola, Inc MRF286 Datasheet HTML 7Page - Motorola, Inc MRF286 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
MRF286 MRF286S
MOTOROLA RF DEVICE DATA
Figure 4. Series Large–Signal Device Impedances
f
MHz
Zin
ZOL*
1800
1900
2000
2100
1.0 – j0.57
1.38 + j0.20
1.19 – j0.005
1.75 + j0.47
1.25 – j2.31
1.35 – j2.0
1.40 – j1.6
1.60 – j1.7
Zin
= Complex conjugate of source impedance.
ZOL* = Complex conjugate of the optimum load
impedance at given output power, voltage,
IMD, bias current and frequency.
VDD = 26 V, IDQ = 500 mA, Pout = 60 Watts (PEP)
2200
2.40 + j0.80
1.80 – j2.0
2300
2400
4.90 + j1.20
7.50 – j1.85
1.85 – j2.1
1.90 – j2.18
f = 1.8 GHz
Zo = 1 Ω
Zin
f = 1.8 GHz
Z
in
Z
OL
*
Input
Matching
Network
Device
Under Test
Output
Matching
Network
f = 2.4 GHz
f = 2.4 GHz
ZOL*


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MRF9030MR1 The RF Sub-Micron MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF9030MR1 The RF Sub-Micron MOSFET Line RF POWER FIELD EFFECT TRANSISTORS N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Freescale Semiconductor, Inc
MRF9060MR1 The RF Sub-micron MOSFET Line RF POWER FIELD EFFECT TRANSISTORS N-channel Enhancement-mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF9030LR1 The RF Sub-Micron MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF21120 The RF Sub-Micron MOSFET Line RF Power Field Effect Trasistor N-Channel Enhancement-Mode Lateral MOSFET 1  2  3  4  5  More Motorola, Inc
MRF18030BR3 THE RF MOSFET LINE RF POWER FIELD EFFECT TRANSISTORS N - CHANNEL ENHANCEMENT - MODE LATERAL MOSFETS 1  2  3  4  5  More Motorola, Inc
MRF19030LR3 The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF5S19100HR3 The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF18085A The RF MOSFET Line RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF1517T1 The RF MOSFET Line RF POWER FIELD EFFECT TRANSISTOR N-CHANNEL ENHANCEMENT-MODE LATERAL MOSFETS 1  2  3  4  5  More Motorola, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn