Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK2746GT Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # MK2746GT
Description  DVD/MPEG CLOCK SOURCE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK2746GT Datasheet(HTML) 4 Page - Integrated Circuit Systems

  MK2746GT Datasheet HTML 1Page - Integrated Circuit Systems MK2746GT Datasheet HTML 2Page - Integrated Circuit Systems MK2746GT Datasheet HTML 3Page - Integrated Circuit Systems MK2746GT Datasheet HTML 4Page - Integrated Circuit Systems MK2746GT Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DVD/MPEG CLOCK SOURCE
MDS 2746 A
4
Revision 100802
In te gr ated Circuit Systems 525 Ra ce Street, San Jose, CA 9512 6 tel (4 08) 295-9 800 www.icst.com
MK2746
Recommended Operation Conditions
DC Electrical Characteristics
VDD=3.3 V ±10% , Ambient temperature 0 to +70°C, unless stated otherwise
AC Electrical Characteristics
VDD = 3.3 V ±10%, Ambient Temperature 0 to +70° C, unless stated otherwise
Note 1: Measured with 15 pF Load.
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature
0
+70
°C
Power Supply Voltage (measured in respect to GND)
+3.0
+3.6
V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.0
3.6
V
Input High Voltage
VIH
input selects
2.0
V
Input Low Voltage
VIL
input selects
0.8
V
Input High Voltage
VIH
ICLK
(VDD/2)-1
VDD/2
V
Input Low Voltage
VIL
ICLK
VDD/2
(VDD/2)+1
V
Output High Voltage
VOH
IOH = -12 mA
2.4
V
Output Low Voltage
VOL
IOL = 12 mA
0.4
V
Output High Voltage (CMOS
Level)
VOH
IOH = -4 mA
VDD-0.4
V
Operating Supply Current
IDD
No load
40
mA
Short Circuit Current
IOS
±70
mA
Input Capacitance
CIN
5pF
Nominal Output Impedance
ZOUT
20
On Chip Pull-up Resistor
RPU
AS1, AS0 pins
120
k
PS1 pin
510
k
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
27
MHz
Output Rise Time
tOR
20% to 80% of VDD, Note 1
1.0
1.8
ns
Output Fall Time
tOF
80% to 20% of VDD, Note 1
1.0
1.8
ns
Output Clock Duty Cycle
tD
at VDD/2, Note 1
40
50
60
%
Maximum Output Jitter,
short term, peak to peak
tJ
PCLK output, Note 1
+100
ps
Maximum Output Jitter,
short term, peak to peak
tJ
All clocks, except PCLK,
Note 1
+200
ps
Maximum Output Jitter,
long term, peak to peak
tJ
1000 cycles, except ACLK,
Note 1
750
ps


Similar Part No. - MK2746GT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK2746GLF RENESAS-MK2746GLF Datasheet
350Kb / 7P
   DVD/MPEG CLOCK SOURCE
051310
MK2746GLFT RENESAS-MK2746GLFT Datasheet
350Kb / 7P
   DVD/MPEG CLOCK SOURCE
051310
More results

Similar Description - MK2746GT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
MK2745-21SLF IDT-MK2745-21SLF Datasheet
188Kb / 6P
   DVD/MPEG CLOCK SOURCE
logo
Integrated Circuit Syst...
MK2745-24 ICST-MK2745-24 Datasheet
63Kb / 4P
   DVD/MPEG Clock Source
logo
Renesas Technology Corp
MK2745-21 RENESAS-MK2745-21 Datasheet
343Kb / 7P
   DVD/MPEG CLOCK SOURCE
051310
logo
Integrated Circuit Syst...
MK2745-21 ICST-MK2745-21 Datasheet
60Kb / 4P
   DVD/MPEG Clock Source
logo
Renesas Technology Corp
MK2746 RENESAS-MK2746 Datasheet
350Kb / 7P
   DVD/MPEG CLOCK SOURCE
051310
MK2745-24 RENESAS-MK2745-24 Datasheet
337Kb / 8P
   DVD/MPEG CLOCK SOURCE
051310
MK1413 RENESAS-MK1413 Datasheet
339Kb / 8P
   MPEG AUDIO CLOCK SOURCE
051310
logo
Zoran Corporation
ACTIVA100 ZORAN-ACTIVA100 Datasheet
433Kb / 2P
   MPEG AV Encoder for DVD Recorders
logo
NXP Semiconductors
SAA2500 PHILIPS-SAA2500 Datasheet
199Kb / 47P
   MPEG Audio Source Decoder
September 1994
logo
Integrated Circuit Syst...
MK2731-04C ICST-MK2731-04C Datasheet
59Kb / 4P
   MPEG Audio Clock
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com