Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM95235CIMM Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM95235CIMM
Description  Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM95235CIMM Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM95235CIMM Datasheet HTML 1Page - National Semiconductor (TI) LM95235CIMM Datasheet HTML 2Page - National Semiconductor (TI) LM95235CIMM Datasheet HTML 3Page - National Semiconductor (TI) LM95235CIMM Datasheet HTML 4Page - National Semiconductor (TI) LM95235CIMM Datasheet HTML 5Page - National Semiconductor (TI) LM95235CIMM Datasheet HTML 6Page - National Semiconductor (TI) LM95235CIMM Datasheet HTML 7Page - National Semiconductor (TI) LM95235CIMM Datasheet HTML 8Page - National Semiconductor (TI) LM95235CIMM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Absolute Maximum Ratings (Note 1)
Supply Voltage, V
DD
−0.3V to 6.0V
Voltage at SMBDAT, SMBCLK,
−0.5V to 6.0V
T_CRIT, OS/A0 Pins
Voltage at Other Pins
(V
DD +0.3V)
Input Current at D− Pin (Note 4)
±1mA
Input Current at All Other Pins
(Note 4)
±5mA
Output Sink Current
SMBDAT, T_Crit, OS Pins
10 mA
Package Input Current (Note 4)
30 mA
ESD Susceptibility (Note 3)
Human Body Model
Machine Model
Charged Device Model
2500V
250V
1000V
Junction Temperature (Note 2)
+125˚C
Storage Temperature
−65˚C to +150˚C
Operating Ratings
(Note 1)
Operating Temperature Range
0˚C to +125˚C
Electrical Characteristics
Temperature Range
T
MIN
≤ T
A
≤ T
MAX
LM95235CIMM
0˚C
≤ T
A
≤ +85˚C
Supply Voltage (V
DD)
+3.0V to +3.6V
Soldering process must comply with National Semiconduc-
tor’s Reflow Temperature Profile specifications. Refer to
www.national.com/packaging. (Note 5)
Temperature-to-Digital Converter Characteristics
Unless otherwise noted, these specifications apply for V
DD = +3.0 Vdc to 3.6 Vdc. Boldface limits apply for TA =TJ =TMIN
T
A
≤ T
MAX; all other limits TA =TJ = +25˚C, unless otherwise noted. TJ is the junction temperature of the LM95235. TD is the
junction temperature of the remote thermal diode.
Parameter
Conditions
Typical
(Note 6)
Limits
(Note 7)
Units
Temperature Accuracy Using Local
Diode (Note 8)
T
A = 25˚C to +100˚C
±1
±2
˚C (max)
Temperature Accuracy Using
Remote Diode
(Note 9)
T
A = +25˚C to +85˚C;
T
D = +60˚C to +100˚C
65nm Intel Processor
±0.5
±0.75
˚C (max)
T
A = +25˚C to +85˚C;
T
D = +60˚C to +100˚C
MMBT3904
±0.5
±1.0
˚C (max)
T
A = +25˚C to +85˚C;
T
D = +40˚C to +120˚C
MMBT3904 or
65nm Intel Processor
±0.75
±1.5
˚C (max)
Remote Diode
Measurement Resolution
Digital Filter Off
11
Bits
0.125
˚C
Digital Filter On
13
Bits
0.03125
˚C
Local Diode Measurement
Resolution
11
Bits
0.125
˚C
Conversion Time, Fastest Setting
(Note 10)
Local and Remote Channels
63
72
ms (max)
Local or Remote Channels
33
ms
Quiescent Current
SMBus Inactive, 1 Hz conversion rate
(Note 11)
350
650
µA (max)
Standby Mode
300
µA
D− Source Voltage
400
mV
External Diode Current Source
High-level
172
225
µA (max)
Low-level
10.75
µA
Diode Source Current Ratio
16
Power-On Reset Voltage
2.8
V (max)
1.6
V (min)
T_CRIT Pin Temperature Threshold
Default
+110
˚C
OS Pin Temperature Threshold
Default
+85
˚C
www.national.com
4


Similar Part No. - LM95235CIMM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM95235CIMM NSC-LM95235CIMM Datasheet
553Kb / 28P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
Texas Instruments
LM95235CIMM/NOPB TI-LM95235CIMM/NOPB Datasheet
1,007Kb / 36P
[Old version datasheet]   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95235CIMMX NSC-LM95235CIMMX Datasheet
553Kb / 28P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
Texas Instruments
LM95235CIMMX/NOPB TI-LM95235CIMMX/NOPB Datasheet
1,007Kb / 36P
[Old version datasheet]   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
More results

Similar Description - LM95235CIMM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM95235 NSC-LM95235_08 Datasheet
553Kb / 28P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
Texas Instruments
LM95235 TI-LM95235_15 Datasheet
1,007Kb / 36P
[Old version datasheet]   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95231 NSC-LM95231_06 Datasheet
704Kb / 20P
   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
logo
Texas Instruments
LM95231 TI-LM95231_15 Datasheet
1Mb / 30P
[Old version datasheet]   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95231 NSC-LM95231 Datasheet
464Kb / 4P
   TruTherm Precision Dual Remote Diode Temperature Sensor with SMBus Interface
logo
Texas Instruments
LM95234 TI-LM95234_15 Datasheet
1Mb / 44P
[Old version datasheet]   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95234 NSC-LM95234 Datasheet
508Kb / 5P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
Texas Instruments
LM95233 TI-LM95233_15 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95234 NSC-LM95234_07 Datasheet
826Kb / 38P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
LM95233 NSC-LM95233_07 Datasheet
756Kb / 36P
   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com