Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM95235 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part No. LM95235
Description  Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM95235 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM95235 Datasheet HTML 12Page - National Semiconductor (TI) LM95235 Datasheet HTML 13Page - National Semiconductor (TI) LM95235 Datasheet HTML 14Page - National Semiconductor (TI) LM95235 Datasheet HTML 15Page - National Semiconductor (TI) LM95235 Datasheet HTML 16Page - National Semiconductor (TI) LM95235 Datasheet HTML 17Page - National Semiconductor (TI) LM95235 Datasheet HTML 18Page - National Semiconductor (TI) LM95235 Datasheet HTML 19Page - National Semiconductor (TI) LM95235 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
2.0 LM95235 Registers (Continued)
2.1 LOCAL and REMOTE MSB and LSB TEMPERATURE REGISTERS
Local Temperature MSB
(Read Only Address 00h) 10-bit plus sign format:
BIT
D7
D6
D5
D4
D3
D2
D1
D0
Value
SIGN
64
32
16
8
4
2
1
Temperature Data: LSb = 1˚C.
Local Temperature LSB
(Read Only Address 30h) 10-bit plus sign format:
BIT
D7
D6
D5
D4
D3
D2
D1
D0
Value
0.5
0.25
0.125
0000
0
Temperature Data: LSb = 0.125˚C.
Signed Remote Temperature MSB
(Read Only Address 01h) 12-bit plus sign format:
BIT
D7
D6
D5
D4
D3
D2
D1
D0
Value
SIGN
64
32
16
8
4
2
1
Temperature Data: LSb = 1˚C.
Signed Remote Temperature LSB, Filter On
(Read Only Address 10h) 12-bit plus sign binary formats with filter on:
BIT
D7
D6
D5
D4
D3
D2
D1
D0
Value
0.5
0.25
0.125
0.0625
0.03125
0
0
0
Signed Remote Temperature LSB, Filter Off
(Read Only Address 10h) 12-bit plus sign binary formats with filter off:
BIT
D7
D6
D5
D4
D3
D2
D1
D0
Value
0.5
0.25
0.125
0000
0
Temperature Data: LSb = 0.125˚C filter off or 0.03125˚C filter on.
Unsigned Remote Temperature MSB
(Read Only Address 31h) 13-bit unsigned format:
BIT
D7
D6
D5
D4
D3
D2
D1
D0
Value
128
64
32
16
8
4
2
1
Temperature Data: LSb = 1˚C.
Unsigned Remote Temperature LSB, Filter On
(Read Only Address 32h) 13-bit unsigned binary formats with filter on:
BIT
D7
D6
D5
D4
D3
D2
D1
D0
Value
0.5
0.25
0.125
0.0625
0.03125
0
0
0
Unsigned Remote Temperature LSB, Filter Off
(Read Only Address 32h) 13-bit unsigned binary formats with filter off:
BIT
D7
D6
D5
D4
D3
D2
D1
D0
Value
0.5
0.25
0.125
0000
0
Temperature Data: LSb = 0.125˚C filter off or 0.03125˚C filter on.
www.national.com
16


Similar Part No. - LM95235

ManufacturerPart No.DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
LM95235 NSC-LM95235 Datasheet
553Kb / 28P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
Texas Instruments
Texas Instruments
LM95235 TI-LM95235 Datasheet
1,007Kb / 36P
[Old version datasheet]   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95235-Q1 TI-LM95235-Q1 Datasheet
1,007Kb / 36P
[Old version datasheet]   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
National Semiconductor (TI)
National Semiconductor ...
LM95235CIMM NSC-LM95235CIMM Datasheet
553Kb / 28P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
Texas Instruments
Texas Instruments
LM95235CIMM/NOPB TI-LM95235CIMM/NOPB Datasheet
1,007Kb / 36P
[Old version datasheet]   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
More results

Similar Description - LM95235

ManufacturerPart No.DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
LM95231 NSC-LM95231_06 Datasheet
704Kb / 20P
   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95235 NSC-LM95235_08 Datasheet
553Kb / 28P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
Texas Instruments
Texas Instruments
LM95235 TI-LM95235_15 Datasheet
1,007Kb / 36P
[Old version datasheet]   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95231 TI-LM95231_15 Datasheet
1Mb / 30P
[Old version datasheet]   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
National Semiconductor (TI)
National Semiconductor ...
LM95231 NSC-LM95231 Datasheet
464Kb / 4P
   TruTherm Precision Dual Remote Diode Temperature Sensor with SMBus Interface
LM95234 NSC-LM95234_07 Datasheet
826Kb / 38P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
LM95233 NSC-LM95233_07 Datasheet
756Kb / 36P
   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
Texas Instruments
Texas Instruments
LM95234 TI-LM95234_15 Datasheet
1Mb / 44P
[Old version datasheet]   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
National Semiconductor (TI)
National Semiconductor ...
LM95234 NSC-LM95234 Datasheet
508Kb / 5P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
Texas Instruments
Texas Instruments
LM95233 TI-LM95233_15 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz