Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM95235 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part No. LM95235
Description  Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM95235 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM95235 Datasheet HTML 6Page - National Semiconductor (TI) LM95235 Datasheet HTML 7Page - National Semiconductor (TI) LM95235 Datasheet HTML 8Page - National Semiconductor (TI) LM95235 Datasheet HTML 9Page - National Semiconductor (TI) LM95235 Datasheet HTML 10Page - National Semiconductor (TI) LM95235 Datasheet HTML 11Page - National Semiconductor (TI) LM95235 Datasheet HTML 12Page - National Semiconductor (TI) LM95235 Datasheet HTML 13Page - National Semiconductor (TI) LM95235 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
1.0 Functional Description (Continued)
7.
Remote TCRIT limit default is 6Eh (110 ˚C).
8.
Remote Offset High and Low bytes default to 00h.
9.
Configuration Register 1 defaults to 00h. This sets the
LM95235 as follows:
A. The STOP/RUN defaults to the active/converting
mode.
B. The Local and Remote TCRIT and OS Masks are
reset to 0.
10. Configuration Register 2 defaults to 1Fh. This sets the
LM95235 as follows:
A. Remote Diode digital filter defaults on.
B. The Remote Diode mode defaults to a typical Intel
processor on 65/90 nm process.
C. Diode Fault Mask bit for TCRIT defaults to 1.
D. Diode Fault Mask bit for OS defaults to 0.
E. Pin 6 Function defaults to Address Input function
(A0).
1.3 SMBus INTERFACE
The LM95235 operates as a slave on the SMBus, so the
SMBCLK line is an input and the SMBDAT line is bidirec-
tional. The LM95235 never drives the SMBCLK line and it
does not support clock stretching. According to SMBus
specifications, the LM95235 has a 7-bit slave address. Three
SMBus addresses can be selected by connecting pin 6 (A0)
to either Low, Mid-Supply or High voltages. The address
selection table below shows the possible selections.
State of the A0 Pin
SMBus Device Address
HEX
Binary
Low
18
001 1000
Mid-Supply
29
010 1001
High
4C
100 1100
The OS/A0 pin, after power-up, defaults as an address
select input pin (A0). After power-up, the OS/A0 pin can only
be programmed as an OS output when it is in the “High”
state. Therefore, 4Ch is the only valid slave address that can
be used when the OS/A0 pin is programmed to function as
an OS output. When the OS/A0 pin is programmed to func-
tion as an A0 input the LM95235 will immediately detect the
state of this pin to determine its SMBus slave address. The
LM95235 does not latch the state of the A0 pin when it is
functioning as an input.
1.4 DIGITAL FILTER
In order to suppress erroneous remote temperature readings
due to noise, the LM95235 incorporates a digital filter for the
Remote Temperature Channel. The filter is accessed in the
Configuration Register 2, bits D2 (FE1) and D1(FE0). The
filter can be set according to the following table.
FE1
FE0
Filter Setting
0
0
Filter Off
0
1
Reserved
1
0
Reserved
1
1
Filter On
Figure 2 depicts the filter output in response to a step input
and an impulse input.
Figure 3 shows the filter in use in a typical Intel processor on
a 65/90 nm process system. Note that the two curves have
been purposely offset for clarity. Inserting the filter does not
induce an offset as shown.
20174925
a) Seventeen and fifty degree step response
20174926
b) Impulse response with input transients less than
4˚C
20174928
c) Impuse response with input transients greater than
4˚C
FIGURE 2. Filter Impulse and Step Response Curves
www.national.com
10


Similar Part No. - LM95235

ManufacturerPart No.DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
LM95235 NSC-LM95235 Datasheet
553Kb / 28P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
Texas Instruments
Texas Instruments
LM95235 TI-LM95235 Datasheet
1,007Kb / 36P
[Old version datasheet]   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95235-Q1 TI-LM95235-Q1 Datasheet
1,007Kb / 36P
[Old version datasheet]   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
National Semiconductor (TI)
National Semiconductor ...
LM95235CIMM NSC-LM95235CIMM Datasheet
553Kb / 28P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
Texas Instruments
Texas Instruments
LM95235CIMM/NOPB TI-LM95235CIMM/NOPB Datasheet
1,007Kb / 36P
[Old version datasheet]   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
More results

Similar Description - LM95235

ManufacturerPart No.DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
LM95231 NSC-LM95231_06 Datasheet
704Kb / 20P
   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95235 NSC-LM95235_08 Datasheet
553Kb / 28P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
Texas Instruments
Texas Instruments
LM95235 TI-LM95235_15 Datasheet
1,007Kb / 36P
[Old version datasheet]   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95231 TI-LM95231_15 Datasheet
1Mb / 30P
[Old version datasheet]   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
National Semiconductor (TI)
National Semiconductor ...
LM95231 NSC-LM95231 Datasheet
464Kb / 4P
   TruTherm Precision Dual Remote Diode Temperature Sensor with SMBus Interface
LM95234 NSC-LM95234_07 Datasheet
826Kb / 38P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
LM95233 NSC-LM95233_07 Datasheet
756Kb / 36P
   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
Texas Instruments
Texas Instruments
LM95234 TI-LM95234_15 Datasheet
1Mb / 44P
[Old version datasheet]   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
National Semiconductor (TI)
National Semiconductor ...
LM95234 NSC-LM95234 Datasheet
508Kb / 5P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
Texas Instruments
Texas Instruments
LM95233 TI-LM95233_15 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz