Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM95235 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part No. LM95235
Description  Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM95235 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LM95235 Datasheet HTML 15Page - National Semiconductor (TI) LM95235 Datasheet HTML 16Page - National Semiconductor (TI) LM95235 Datasheet HTML 17Page - National Semiconductor (TI) LM95235 Datasheet HTML 18Page - National Semiconductor (TI) LM95235 Datasheet HTML 19Page - National Semiconductor (TI) LM95235 Datasheet HTML 20Page - National Semiconductor (TI) LM95235 Datasheet HTML 21Page - National Semiconductor (TI) LM95235 Datasheet HTML 22Page - National Semiconductor (TI) LM95235 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
2.0 LM95235 Registers (Continued)
2.4 STATUS REGISTERS
Status Register 1
(Read Only Address 02h):
D7
D6
D5
D4
D3
D2
D1
D0
Busy
0
0
ROS
0
Diode Fault
RTCRIT
LOC
Bits
Name
Description
7
Busy
When set to "1" the part is converting.
6-5
Reserved
Report "0" when read.
4
ROS
Status Bit for Remote OS
3
Reserved
Reports "0" when read.
2
Diode Fault
Status bit for missing diode (Either D+ is shorted to GND, and/or V
DD, and/or D-;
or D+ is floating.)
Note: The unsigned registers will report 0˚C if read; the signed value registers
will report −128.000˚C.
1
RTCRIT
Status bit for Remote TCRIT.
0
LOC
Status bit for the shared Local OS and TCRIT .
Status Register 2
(Read Only Address 33h):
D7
D6
D5
D4
D3
D2
D1
D0
Not Ready
TruTherm 3904 Detect
00000
0
Bits
Name
Description
7
Not Ready
Waiting for 30 ms power-up sequence to end.
6
TruTherm 3904 Detect
1: MMBT3904 is connected and TruTherm technology is enabled.
0: MMBT3904 is connected and TruTherm technology is disabled.
5-0
Reserved
Reports "0" when read.
2.5 LIMIT REGISTERS
Unsigned Remote OS Limit - 0˚C to 255˚C
(Read/Write Address 07h/0Dh or 0Dh/07h):
D7
D6
D5
D4
D3
D2
D1
D0
128
64
32
16
8
4
2
1
Power on Reset default is 55h (85˚C).
Unsigned Local Shared OS and T_CRIT Limit - 0˚C to 127˚C
(Read/Write Address 20h):
D7
D6
D5
D4
D3
D2
D1
D0
128
64
32
16
8
4
2
1
Power on Reset default is 55h (85˚C).
Unsigned Remote T_CRIT Limit - 0˚C to 255˚C
(Read/Write Address 19h):
D7
D6
D5
D4
D3
D2
D1
D0
128
64
32
16
8
4
2
1
Power on Reset default is 6Eh (110˚C).
www.national.com
19


Similar Part No. - LM95235

ManufacturerPart No.DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
LM95235 NSC-LM95235 Datasheet
553Kb / 28P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
Texas Instruments
Texas Instruments
LM95235 TI-LM95235 Datasheet
1,007Kb / 36P
[Old version datasheet]   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95235-Q1 TI-LM95235-Q1 Datasheet
1,007Kb / 36P
[Old version datasheet]   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
National Semiconductor (TI)
National Semiconductor ...
LM95235CIMM NSC-LM95235CIMM Datasheet
553Kb / 28P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
Texas Instruments
Texas Instruments
LM95235CIMM/NOPB TI-LM95235CIMM/NOPB Datasheet
1,007Kb / 36P
[Old version datasheet]   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
More results

Similar Description - LM95235

ManufacturerPart No.DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
LM95231 NSC-LM95231_06 Datasheet
704Kb / 20P
   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95235 NSC-LM95235_08 Datasheet
553Kb / 28P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
Texas Instruments
Texas Instruments
LM95235 TI-LM95235_15 Datasheet
1,007Kb / 36P
[Old version datasheet]   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95231 TI-LM95231_15 Datasheet
1Mb / 30P
[Old version datasheet]   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
National Semiconductor (TI)
National Semiconductor ...
LM95231 NSC-LM95231 Datasheet
464Kb / 4P
   TruTherm Precision Dual Remote Diode Temperature Sensor with SMBus Interface
LM95234 NSC-LM95234_07 Datasheet
826Kb / 38P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
LM95233 NSC-LM95233_07 Datasheet
756Kb / 36P
   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
Texas Instruments
Texas Instruments
LM95234 TI-LM95234_15 Datasheet
1Mb / 44P
[Old version datasheet]   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
National Semiconductor (TI)
National Semiconductor ...
LM95234 NSC-LM95234 Datasheet
508Kb / 5P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
Texas Instruments
Texas Instruments
LM95233 TI-LM95233_15 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz