![]() |
Electronic Components Datasheet Search |
|
LM95235 Datasheet(PDF) 18 Page - National Semiconductor (TI) |
|
|
LM95235 Datasheet(HTML) 18 Page - National Semiconductor (TI) |
18 / 25 page ![]() 2.0 LM95235 Registers (Continued) 2.3 GENERAL CONFIGURATION REGISTERS Configuration Register 1 (Read/write Address 03h/09h or 09h/03h): D7 D6 D5 D4 D3 D2 D1 D0 0 STOP/RUN 0 Remote T_CRIT Mask Remote OS Mask Local T_CRIT Mask Local OS Mask 0 Bits Name Description 7 Reserved Reports "0" when read. 6 STOP/RUN 0: Active / Converting 1: Standby 5 Reserved Reports "0" when read. 4 Remote T_CRIT Mask 0: Off 1: On 3 Remote OS Mask 0: Off 1: On 2 Local T_CRIT Mask 0: Off 1: On 1 Local OS Mask 0: Off 1: On 0 Reserved Reports "0" when read. Power up default is 00h. Conversion Rate Register (Read/write Address 04h/0Ah or 0Ah/04h):2-bit format: BIT D7 D6 D5 D4 D3 D2 D1 D0 Value 000000 MSb LSb Bits Name Description 7:2 Reserved Reports "0" when read. 1:0 Conversion Rate 00: Continuous (33 ms typical when remote diode is missing or fault or 63 ms typical with remote diode connected) 01: 0.364 seconds 10: 1 second 11: 2.5 seconds Power up default is 02h (1 second). One Shot Register (Write Only Address 0Fh): Writing to this register will start one conversion if the device is in standby mode (i.e. STOP/RUN bit = 1). www.national.com 18 |
Similar Part No. - LM95235 |
|
Similar Description - LM95235 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |
allmanual.com |