Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM95235 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part No. LM95235
Description  Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM95235 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM95235 Datasheet HTML 13Page - National Semiconductor (TI) LM95235 Datasheet HTML 14Page - National Semiconductor (TI) LM95235 Datasheet HTML 15Page - National Semiconductor (TI) LM95235 Datasheet HTML 16Page - National Semiconductor (TI) LM95235 Datasheet HTML 17Page - National Semiconductor (TI) LM95235 Datasheet HTML 18Page - National Semiconductor (TI) LM95235 Datasheet HTML 19Page - National Semiconductor (TI) LM95235 Datasheet HTML 20Page - National Semiconductor (TI) LM95235 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
2.0 LM95235 Registers (Continued)
For data synchronization purposes, the MSB register should be read first if the user wants to read both MSB and LSB registers.
The LSB will be locked after the MSB is read. The LSB will be unlocked after being read. If the user reads MSBs consecutively,
each time the MSB is read, the LSB associated with that temperature will be locked in and override the previous LSB value
locked-in.
2.2 DIODE CONFIGURATION REGISTERS
Configuration Register 2
(Read/write Address BFh):
D7
D6
D5
D4
D3
D2
D1
D0
0
OS/A0 Function Select
OS Fault Mask
T_CRIT
Mask
TruTherm Select
RFE1
RFE0
1
Bits
Name
Description
7
Reserved
Reports "0" when read.
6
OS/A0 Function Select
0: Address (A0) function is enabled
1: Over-temperature Shutdown (OS) is enabled
5
Diode Fault Mask for OS
0: Off
1: On
4
Diode Fault Mask for T_CRIT
0: Off
1: On
3
Remote Diode TruTherm
Mode Select
0: Selects Diode Model 2, MMBT3904, with TruTherm technology
disabled.
1: Selects Diode Model 1, A typical Intel Processor, with 65 nm or
90 nm technology, and TruTherm technology enabled.
2-1
Remote Filter Enable
00: Filter Disable
01: Reserved
10: Reserved
11: Filter Enable
0
Reserved
Reports "1" when read.
Power up default is 1Fh.
Remote Offset High Byte (2’s Complement)
(R/W Address 11h) 10-bit plus sign format:
BIT
D7
D6
D5
D4
D3
D2
D1
D0
Value
SIGN
64
32
16
8
4
2
1
Power up default is 00h.
Remote Offset Low Byte (2’s Complement)
(R/W Address 12h) 10-bit plus sign format:
BIT
D7
D6
D5
D4
D3
D2
D1
D0
Value
0.50
0.25
0.125
0000
0
Power up default is 00h. LSb = 0.125 ˚C.
www.national.com
17


Similar Part No. - LM95235

ManufacturerPart No.DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
LM95235 NSC-LM95235 Datasheet
553Kb / 28P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
Texas Instruments
Texas Instruments
LM95235 TI-LM95235 Datasheet
1,007Kb / 36P
[Old version datasheet]   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95235-Q1 TI-LM95235-Q1 Datasheet
1,007Kb / 36P
[Old version datasheet]   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
National Semiconductor (TI)
National Semiconductor ...
LM95235CIMM NSC-LM95235CIMM Datasheet
553Kb / 28P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
Texas Instruments
Texas Instruments
LM95235CIMM/NOPB TI-LM95235CIMM/NOPB Datasheet
1,007Kb / 36P
[Old version datasheet]   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
More results

Similar Description - LM95235

ManufacturerPart No.DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
LM95231 NSC-LM95231_06 Datasheet
704Kb / 20P
   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95235 NSC-LM95235_08 Datasheet
553Kb / 28P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
Texas Instruments
Texas Instruments
LM95235 TI-LM95235_15 Datasheet
1,007Kb / 36P
[Old version datasheet]   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95231 TI-LM95231_15 Datasheet
1Mb / 30P
[Old version datasheet]   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
National Semiconductor (TI)
National Semiconductor ...
LM95231 NSC-LM95231 Datasheet
464Kb / 4P
   TruTherm Precision Dual Remote Diode Temperature Sensor with SMBus Interface
LM95234 NSC-LM95234_07 Datasheet
826Kb / 38P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
LM95233 NSC-LM95233_07 Datasheet
756Kb / 36P
   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
Texas Instruments
Texas Instruments
LM95234 TI-LM95234_15 Datasheet
1Mb / 44P
[Old version datasheet]   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
National Semiconductor (TI)
National Semiconductor ...
LM95234 NSC-LM95234 Datasheet
508Kb / 5P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
Texas Instruments
Texas Instruments
LM95233 TI-LM95233_15 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz