Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXTQ62N15P Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTQ62N15P
Description  PolarHT Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTQ62N15P Datasheet(HTML) 1 Page - IXYS Corporation

  IXTQ62N15P Datasheet HTML 1Page - IXYS Corporation IXTQ62N15P Datasheet HTML 2Page - IXYS Corporation IXTQ62N15P Datasheet HTML 3Page - IXYS Corporation IXTQ62N15P Datasheet HTML 4Page - IXYS Corporation IXTQ62N15P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2006 IXYS All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
° C to 175° C
150
V
V
DGR
T
J
= 25
° C to 175° C; R
GS = 1 MΩ
150
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C = 25° C62
A
I
DM
T
C = 25° C, pulse width limited by TJM
150
A
I
AR
T
C = 25° C50
A
E
AR
T
C = 25° C30
mJ
E
AS
T
C = 25° C
1.0
J
dv/dt
I
S
≤I
DM, di/dt ≤100 A/µs, VDD ≤VDSS,
10
V/ns
T
J
≤150° C, R
G = 10 Ω
P
D
T
C = 25° C
350
W
T
J
-55 ... +175
°C
T
JM
175
°C
T
stg
-55 ... +150
°C
T
L
1.6 mm (0.062 in.) from case for 10 s
300
°C
T
SOLD
Plastic body for 10 s
2600
° C
Md
Mounting torque
(TO-3P / TO-220)
1.13/10 Nm/lb.in.
Weight
TO-3P
5.5
g
TO-220
4
g
TO-263
3
g
G = Gate
D = Drain
S = Source
TAB = Drain
DS99154E(12/05)
Symbol
Test Conditions
Characteristic Values
(T
J = 25° C, unless otherwise specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0 V, ID = 250 µA
150
V
V
GS(th)
V
DS = VGS, ID = 250µA
3.0
5.5
V
I
GSS
V
GS = ±20 VDC, VDS = 0
±100
nA
I
DSS
V
DS = VDSS
25
µA
V
GS = 0 V
T
J = 150° C
250
µA
R
DS(on)
V
GS = 10 V, ID = 0.5 ID25
33
40
m
Pulse test, t
≤300 µs, duty cycle d ≤ 2 %
PolarHTTM
Power MOSFET
IXTA 62N15P
IXTP 62N15P
IXTQ 62N15P
N-Channel Enhancement Mode
Avalanche Rated
Features
l International standard packages
l Unclamped Inductive Switching (UIS)
rated
l Low package inductance
- easy to drive and to protect
Advantages
l
Easy to mount
l
Space savings
l
High power density
TO-220 (IXTP)
TO-263 (IXTA)
TO-3P (IXTQ)
G
D
S
(TAB)
D
(TAB)
G
S
G
S
(TAB)
V
DSS
= 150 V
I
D25
=
62 A
R
DS(on)
≤≤≤≤
40 m


Similar Part No. - IXTQ62N15P

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXTQ62N15P ISC-IXTQ62N15P Datasheet
300Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IXTQ62N15P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTK102N30P IXYS-IXTK102N30P Datasheet
224Kb / 5P
   PolarHT Power MOSFET
IXTQ82N25P IXYS-IXTQ82N25P Datasheet
610Kb / 5P
   PolarHT Power MOSFET
IXTH88N30P IXYS-IXTH88N30P Datasheet
593Kb / 5P
   PolarHT Power MOSFET
IXTQ64N25 IXYS-IXTQ64N25 Datasheet
577Kb / 5P
   PolarHT Power MOSFET
IXTQ200N06P IXYS-IXTQ200N06P Datasheet
155Kb / 5P
   PolarHT Power MOSFET
IXTK140N20P IXYS-IXTK140N20P Datasheet
564Kb / 5P
   PolarHT Power MOSFET
IXTK120N25P IXYS-IXTK120N25P Datasheet
161Kb / 5P
   PolarHT Power MOSFET
IXTQ36N30P IXYS-IXTQ36N30P Datasheet
593Kb / 5P
   PolarHT Power MOSFET
IXTQ110N055P IXYS-IXTQ110N055P Datasheet
120Kb / 5P
   PolarHT Power MOSFET
IXTQ69N30 IXYS-IXTQ69N30 Datasheet
107Kb / 5P
   PolarHT Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com