Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PFRA300 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # PFRA300
Description  RESETTABLE FUSES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PFRA300 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  PFRA300 Datasheet HTML 1Page - List of Unclassifed Manufacturers PFRA300 Datasheet HTML 2Page - List of Unclassifed Manufacturers PFRA300 Datasheet HTML 3Page - List of Unclassifed Manufacturers PFRA300 Datasheet HTML 4Page - List of Unclassifed Manufacturers PFRA300 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
INDEX BY TYPES | INDEX BY ORDER NUMBERS
RESETTABLE FUSES
T
TIIM
ME
E--C
CU
UR
RR
RE
EN
NT
T C
CU
UR
RV
VE
ES
S
www.schurter.com
Time-Current Curves
P
PF
FR
RA
A
100
10
1
0.1
0.01
0.001
1
10
100
0.1
Fault Current in Amperes


Similar Part No. - PFRA300

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
PFRA SCHURTER-PFRA Datasheet
491Kb / 4P
   Radial Leaded Fuse, PTC, 60 VDC
PFRA SCHURTER-PFRA Datasheet
338Kb / 5P
   Radial Leaded Fuse, PTC, 60 VDC
PFRA SCHURTER-PFRA Datasheet
376Kb / 6P
   Radial Leaded Fuse, PTC, 60 VDC
04.01.2022
PFRA.010 SCHURTER-PFRA.010 Datasheet
491Kb / 4P
   Radial Leaded Fuse, PTC, 60 VDC
PFRA.010 SCHURTER-PFRA.010 Datasheet
376Kb / 6P
   Radial Leaded Fuse, PTC, 60 VDC
04.01.2022
More results

Similar Description - PFRA300

ManufacturerPart #DatasheetDescription
logo
Littelfuse
HVR600 LITTELFUSE-HVR600 Datasheet
95Kb / 2P
   RESETTABLE FUSES
logo
Bourns Electronic Solut...
MF-SM030 BOURNS-MF-SM030 Datasheet
323Kb / 4P
   PTC Resettable Fuses
MF-VS BOURNS-MF-VS Datasheet
207Kb / 3P
   PTC Resettable Fuses
MF-D BOURNS-MF-D Datasheet
24Kb / 1P
   PTC Resettable Fuses
MF-MSMD BOURNS-MF-MSMD Datasheet
229Kb / 4P
   PTC Resettable Fuses
MF-R BOURNS-MF-R Datasheet
281Kb / 6P
   PTC Resettable Fuses
logo
Schurter Inc.
0034.3110 SCHURTER-0034.3110 Datasheet
169Kb / 2P
   Non resettable fuses
logo
Bourns Electronic Solut...
MF-SMHT136 BOURNS-MF-SMHT136_12 Datasheet
348Kb / 4P
   PTC Resettable Fuses
MF-SVS170 BOURNS-MF-SVS170_13 Datasheet
189Kb / 4P
   PTC Resettable Fuses
MF-VS170N BOURNS-MF-VS170N Datasheet
181Kb / 3P
   PTC Resettable Fuses
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com