Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS2911N15 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # GS2911N15
Description  300mA CMOS Positive LDO Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GS2911N15 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  GS2911N15 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS2911N15 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS2911N15 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS2911N15 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS2911N15 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS2911N15 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS2911N15 Datasheet HTML 7Page - List of Unclassifed Manufacturers GS2911N15 Datasheet HTML 8Page - List of Unclassifed Manufacturers GS2911N15 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
GS2911
Globaltech Semiconductor
www.globaltechsemi.com
5
GS2911
Temperature characteristics
Topr * △VOUT
-40℃≦Topr≦125℃
Electrical Characteristics V
OUT(T) =5.0 (Note 1)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output voltages
VOUT(E)
(Note 2)
IOUT = 40mA
VIN = 6.0V
4.900
5.000
5.100
V
Maximum output current
IOUT max
VIN = 6.0V
VOUT(E) ≥ 5.0V
165
mA
Load stability
∆VOUT
VIN = 6.0V
1mA
≤ IOUT ≤80mA
45
90
mV
Vdif
VIN = 6.0V
Input-Output
Voltage differential (Note 3)
Vdif
IOUT =200mA
380
600
mV
Supply current
Iss
VIN = 6.0V
1.0
100
µA
Line regulation
∆VOUT
∆VINi∆VOUT
IOUT = 40mA
4.3V
≤ VIN ≤ 10.0V
0.2
0.3
%/V
Input voltage
VIN
10
V
Output voltage
Temperature characteristics
∆VOUT
∆Topri∆VOUT
IOUT = 40mA
-40℃
≤ Topr ≤125℃
±100
ppm/℃
Note1. VOUT(T) = Specified output voltage.
Note2. VOUT(E) = Effective output voltage (i.e. the output voltage when “ VOUT(T)+1.0V” is provided at the VIN pin while
maintaining a certain IOUT value.)
Note3. Vdif = (VIN 1 (Note 4) – VOUT (E))
Note4. VIN 1 = The input voltage at the time 98% of VOUT(E) is output (input voltage has been gradually reduced).
Typical Performance Characteristics
Output Voltage vs. Output Current
GS2911 (3.3V)
GS2911 (5V)
Topr=25℃
85℃
-40℃
5. 1
4. 7
4. 8
4. 9
5. 0
0 20 40 60 80 100 120 140 160 180
OUTPUT CURRENT: IOUT(mA)
VIN=6V
CIN=1
μ F(Tantalum), CL=1μ F(Tantalum)
3. 4
3. 3
3. 2
3. 1
3. 0
0 20 40 60 80 100 120 140 160 180
Topr =25℃
- 30℃
80℃
VIN=4.3V
CIN=1
μ F(Tantalum), CL=1μ F(Tantalum)
Output Current IOUT (mA)


Similar Part No. - GS2911N15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS2905 ETC1-GS2905 Datasheet
84Kb / 9P
   500mA CMOS LDO Voltage Regulator
GS2905X15 ETC1-GS2905X15 Datasheet
84Kb / 9P
   500mA CMOS LDO Voltage Regulator
GS2905X18 ETC1-GS2905X18 Datasheet
84Kb / 9P
   500mA CMOS LDO Voltage Regulator
GS2905X25 ETC1-GS2905X25 Datasheet
84Kb / 9P
   500mA CMOS LDO Voltage Regulator
GS2905X33 ETC1-GS2905X33 Datasheet
84Kb / 9P
   500mA CMOS LDO Voltage Regulator
More results

Similar Description - GS2911N15

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM89 ELM-TECH-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Electronics
ELM89 ELM-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Technology Corporat...
ELM89-SERIES ELM-TECH-ELM89-SERIES Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167_10 Datasheet
434Kb / 8P
   300mA CMOS LDO Voltage Regulator
logo
ELM Technology Corporat...
ELM88121AA-S ELM-TECH-ELM88121AA-S Datasheet
204Kb / 21P
   CMOS 300mA LDO Voltage regulator
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167 Datasheet
297Kb / 8P
   300mA CMOS LDO Voltage Regulator
logo
ELM Electronics
ELM88 ELM-ELM88 Datasheet
1Mb / 21P
   CMOS 300mA LDO Voltage regulator
logo
ELM Technology Corporat...
ELM88-SERIES ELM-TECH-ELM88-SERIES Datasheet
1Mb / 21P
   CMOS 300mA LDO Voltage regulator
ELM88 ELM-TECH-ELM88 Datasheet
2Mb / 21P
   CMOS 300mA LDO Voltage regulator
ELM89121BC-S ELM-TECH-ELM89121BC-S_1 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com