Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS2911 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GS2911
Description  300mA CMOS Positive LDO Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GS2911 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GS2911 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS2911 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS2911 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS2911 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS2911 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS2911 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS2911 Datasheet HTML 7Page - List of Unclassifed Manufacturers GS2911 Datasheet HTML 8Page - List of Unclassifed Manufacturers GS2911 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
www.globaltechsemi.com
1
GS2911
GS2911
300mA CMOS Positive LDO Voltage Regulator
Product Description
The GS2911 is a positive voltage output, three-pin regulator that provides a high current even
when the input/output voltage differential is small. Low power consumption and high accuracy
is achieved through CMOS and laser trimming technologies.
The GS2911 consists of a high-precision voltage reference, an error correction circuit, and a
current limited output driver. Transient response to load variations has improved in comparison
to the existing series.
TO-92 and SOT-89 packages are available.
Features
Applications
Maximum output current: 250mA (within
the
maximum
power
dissipation,
VOUT=5.0V)
Output voltage: 2.0V to 6.0V in 0.1V
increments (1.1V to 1.9V for custom
products)
Highly accurate: Output voltage ± 2%
(±1% for semi-custom products)
Low power consumption: Typ. 2.0µA at
VOUT = 5.0V
Output voltage temperature coefficient
0.1%/V: Typ. ± 100ppm/℃
Input stability: Typ. 2.0%/V
Small input/output differential: IOUT =
100mA at VOUT = 5.0V with a 0.12V
differential.
SOT-89
and
TO-92
packages
are
available
Wireless Communication Systems
Battery Powered Systems
Palmtops
Portable Cameras and Video Recorders
Voltage Regulator for Microprocessor
Voltage Regulator for CD-ROM Drivers,
LAN Cards, 56K Modem


Similar Part No. - GS2911

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS2905 ETC1-GS2905 Datasheet
84Kb / 9P
   500mA CMOS LDO Voltage Regulator
GS2905X15 ETC1-GS2905X15 Datasheet
84Kb / 9P
   500mA CMOS LDO Voltage Regulator
GS2905X18 ETC1-GS2905X18 Datasheet
84Kb / 9P
   500mA CMOS LDO Voltage Regulator
GS2905X25 ETC1-GS2905X25 Datasheet
84Kb / 9P
   500mA CMOS LDO Voltage Regulator
GS2905X33 ETC1-GS2905X33 Datasheet
84Kb / 9P
   500mA CMOS LDO Voltage Regulator
More results

Similar Description - GS2911

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM89 ELM-TECH-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Electronics
ELM89 ELM-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Technology Corporat...
ELM89-SERIES ELM-TECH-ELM89-SERIES Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167_10 Datasheet
434Kb / 8P
   300mA CMOS LDO Voltage Regulator
logo
ELM Technology Corporat...
ELM88121AA-S ELM-TECH-ELM88121AA-S Datasheet
204Kb / 21P
   CMOS 300mA LDO Voltage regulator
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167 Datasheet
297Kb / 8P
   300mA CMOS LDO Voltage Regulator
logo
ELM Electronics
ELM88 ELM-ELM88 Datasheet
1Mb / 21P
   CMOS 300mA LDO Voltage regulator
logo
ELM Technology Corporat...
ELM88-SERIES ELM-TECH-ELM88-SERIES Datasheet
1Mb / 21P
   CMOS 300mA LDO Voltage regulator
ELM88 ELM-TECH-ELM88 Datasheet
2Mb / 21P
   CMOS 300mA LDO Voltage regulator
ELM89121BC-S ELM-TECH-ELM89121BC-S_1 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com