Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GS2911 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part No. GS2911
Description  300mA CMOS Positive LDO Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

GS2911 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
GS2911
Globaltech Semiconductor
www.globaltechsemi.com
6
GS2911
Output Voltage vs. Input Voltage
GS2911 (3.3V)
GS2911 (5V)
Input/Output Voltage Differential vs. Output Current
GS2911 (3.3V)
GS2911 (5V)
0 20 40 60 80 100120140160180
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
Topr=25℃
85℃
-40℃
CIN=1μ F(Tantal um), CL=1μ F(Tantal um)
OUTPUTCURRENT: IOUT (mA)
0 20 40 60 80 100 120 140 160 180
-0. 2
0. 0
0. 2
0. 4
0. 6
0. 8
1. 0
CIN=1
μ F(Tantalum), CL=1μ F(Tantalum)
OUTPUT CURRENT : IOUT (mA)
Topr =25℃
80℃
-30℃
10mA
40mA
IOUT=1mA
2. 8
3. 3
3. 8
Input Voltage VIN(V)
2. 5
2. 7
2. 9
3. 1
3. 3
3. 5
Topr=25
CIN=1
μ F(Tantalum), CL=1μ F(Tantalum)
10mA
40mA
IOUT=1mA
5.2
5.0
4.8
4.6
4.4
4.2
4.5
5.0
5.5
Topr=25℃
CIN=1μ F(Tantal um), CL=1μ F(Tantal um)
INPUTVOLTAGE: VIN(V)
10mA
40mA
IOUT=1mA
56
789
10
4.85
4.90
4.95
5.00
5.05
5.10
INPUT VOLTAGE:VIN(V)
Topr=25
CIN=1
μ F(Tantalum), CL=1μ F(Tantalum)
40mA
IOUT=1mA,10mA
34
56
789
10
3. 15
3. 20
3. 25
3. 30
3. 35
3. 40
Input Voltage VIN (V)
Topr=25
CIN=1
μ F(Tantalum), CL=1μ F(Tantalum)


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TS9004300mA CMOS LDO Adjustable Voltage with Enable & Power Good 1 2 3 4 5 Taiwan Semiconductor Company, Ltd
GS2905500mA CMOS LDO Voltage Regulator 1 2 3 4 5 MoreList of Unclassifed Manufacturers
RT9162300MA LOW DROPOUT POSITIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreRichtek Technology Corporation
ICL7663SCMOS Programmable Micropower Positive Voltage Regulator 1 2 3 4 5 MoreIntersil Corporation
AN78N003-pin Positive Output Voltage Regulator 300mA Type 1 2 3 4 5 MorePanasonic Semiconductor
AP2115300mA FIXED OUTPUT VOLTAGE LDO REGULATOR 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
AP2117300mA FIXED OUTPUT VOLTAGE LDO REGULATOR 1 2 BCD Semiconductor Manufacturing Limited
AAT3242300mA/150mA Dual CMOS LDO Linear Regulator 1 2 3 4 5 MoreAdvanced Analogic Technologies
TS9000300mA CMOS Low Dropout Voltage Regulator 1 2 3 4 Taiwan Semiconductor Company, Ltd
TS9001300mA CMOS Low Dropout Voltage Regulator with Enable 1 2 3 4 5 Taiwan Semiconductor Company, Ltd

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn